Electronic Components Datasheet Search
  English  ▼

X  

MAX712 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX712
Description  NiCd/NiMH Battery Fast-Charge Controllers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX712 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX712 Datasheet HTML 9Page - Maxim Integrated Products MAX712 Datasheet HTML 10Page - Maxim Integrated Products MAX712 Datasheet HTML 11Page - Maxim Integrated Products MAX712 Datasheet HTML 12Page - Maxim Integrated Products MAX712 Datasheet HTML 13Page - Maxim Integrated Products MAX712 Datasheet HTML 14Page - Maxim Integrated Products MAX712 Datasheet HTML 15Page - Maxim Integrated Products MAX712 Datasheet HTML 16Page - Maxim Integrated Products MAX712 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
NiCd/NiMH Battery
Fast-Charge Controllers
______________________________________________________________________________________
13
terminal. In this case, use the configuration shown in
Figure 9b. Thermistors T2 and T3 can be replaced by
standard resistors if absolute temperature charge cut-
off is acceptable. All resistance values in Figures 9a
and 9b should be chosen in the 10k
Ω to 500kΩ range.
__________Applications Information
Switch-Mode Operation
For applications where the power dissipation in the
pass transistor cannot be tolerated (ie., where heat
sinking is not feasible or is too costly), a switch-mode
charger is recommended.
Switch-mode operation can be implemented simply by
using the circuit of Figure 19. The circuit of Figure 19
uses the error amplifier at the CC pin as a comparator
with the 33pF capacitor adding hysteresis. Figure 19 is
shown configured to charge two cells at 1A. Lower
charge currents and a different number of cells can be
accommodated simply by changing RSENSE and
PGM0–PGM3 connections (Tables 2 and 3).
The input power-supply voltage range is 8V to 15V and
must be at least 2V greater than the peak battery
voltage, under fast charge. As shown in Figure 19, the
source should be capable of greater than 1.3A of
output current. The source requirements are critical
because if violated, proper termination of the fast-
charge cycle might not occur. For input voltages
greater than 15V, see the MAX713SWEVKIT data sheet.
0.022
µF
0.022
µF
NOTE: FOR ABSOLUTE TEMPERATURE CHARGE CUTOFF, T2 AND T3 CAN BE
REPLACED BY STANDARD RESISTORS.
1
µF
TEMP
TLO
IN THERMAL
CONTACT WITH
BATTERY
AMBIENT
TEMPERATURE
AMBIENT
TEMPERATURE
T3
+2.0V
T2
T1
R3
R4
R5
HOT
REF
THI
BATT-
COLD
MAX712
MAX713
Figure 9a. Temperature Comparators
MAX712
MAX713
0.022
µF
0.022
µF
NOTE: FOR ABSOLUTE TEMPERATURE CHARGE CUTOFF, T2 AND T3 CAN BE
REPLACED BY STANDARD RESISTORS.
1
µF
TEMP
TLO
AMBIENT
TEMPERATURE
AMBIENT
TEMPERATURE
IN THERMAL
CONTACT WITH
BATTERY
T3
+2.0V
T1
T2
R4
R3
R5
HOT
REF
THI
BATT-
COLD
Figure 9b. Alternative Temperature Comparator Configuration
11
6
0
200
600
1000
7
10
400
800
9
8
120Hz RIPPLE
LOW PEAK
HIGH PEAK
LOAD CURRENT (mA)
Figure 10. Sony Radio AC Adapter AC-190 Load Characteristic,
9VDC 800mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com