Electronic Components Datasheet Search
  English  ▼

X  

STD17NF03L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD17NF03L
Description  N-channel 30V - 0.038ohm - 17A - DPAK/IPAK STripFET TM II Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD17NF03L Datasheet(HTML) 1 Page - STMicroelectronics

  STD17NF03L Datasheet HTML 1Page - STMicroelectronics STD17NF03L Datasheet HTML 2Page - STMicroelectronics STD17NF03L Datasheet HTML 3Page - STMicroelectronics STD17NF03L Datasheet HTML 4Page - STMicroelectronics STD17NF03L Datasheet HTML 5Page - STMicroelectronics STD17NF03L Datasheet HTML 6Page - STMicroelectronics STD17NF03L Datasheet HTML 7Page - STMicroelectronics STD17NF03L Datasheet HTML 8Page - STMicroelectronics STD17NF03L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
February 2007
Rev 4
1/14
14
STD17NF03L
STD17NF03L-1
N-channel 30V - 0.038
Ω - 17A - DPAK/IPAK
STripFET™ II Power MOSFET
General features
■ Exceptional dv/dt capability
■ Low gate charge at 100°C
■ Application oriented characterization
■ 100% avalanche tested
Description
This Power MOSFET is the latest development of
STMicroelectronics unique "Single Feature
Size™" strip-based process. The resulting
transistor shows extremely high packing density
for low on-resistance, rugged avalanche
characteristics and less critical alignment steps
therefore a remarkable manufacturing
reproducibility.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STD17NF03L-1
30V
<0.05
Ω
17A
STD17NF03L
30V
<0.05
Ω
17A
DPAK
3
2
1
1
3
iPAK
www.st.com
Order codes
Part number
Marking
Package
Packaging
STD17NF03L-1
D17NF03L@
IPAK
Tube
STD17NF03LT4
D17NF03L@
DPAK
Tape & reel


Similar Part No. - STD17NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD17NF03L STMICROELECTRONICS-STD17NF03L Datasheet
264Kb / 9P
N-CHANNEL 30V - 0.038ohm - 17A - DPAK/IPAK STripFET™ POWER MOSFET
Aug-2000
STD17NF03L STMICROELECTRONICS-STD17NF03L Datasheet
413Kb / 14P
N-CHANNEL 30V - 0.038 - 17A - DPAK/IPAK STripFETII MOSFET
03-Jul-2006
logo
SHENZHEN DOINGTER SEMIC...
STD17NF03L DOINGTER-STD17NF03L Datasheet
988Kb / 4P
N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STD17NF03L VBSEMI-STD17NF03L Datasheet
1Mb / 8P
N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STD17NF03L-1 STMICROELECTRONICS-STD17NF03L-1 Datasheet
413Kb / 14P
N-CHANNEL 30V - 0.038 - 17A - DPAK/IPAK STripFETII MOSFET
03-Jul-2006
More results

Similar Description - STD17NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD17NE03L STMICROELECTRONICS-STD17NE03L Datasheet
92Kb / 9P
N - CHANNEL 30V - 0.034ohm - 17A - DPAK/IPAK STripFET POWER MOSFET
Jun-1999
STD17NF03L STMICROELECTRONICS-STD17NF03L Datasheet
264Kb / 9P
N-CHANNEL 30V - 0.038ohm - 17A - DPAK/IPAK STripFET™ POWER MOSFET
Aug-2000
STU100N3LF3 STMICROELECTRONICS-STU100N3LF3 Datasheet
434Kb / 15P
N-channel 30V - 0.0045OHM - 80A - DPAK - IPAK Planar STripFET TM II Power MOSFET
07-Feb-2006
STD30NF03L STMICROELECTRONICS-STD30NF03L_07 Datasheet
330Kb / 14P
N-channel 30V - 0.020ohm - 30A - DPAK/IPAK STripFET TM II Power MOSFET
20-Feb-2007
STD50N03L STMICROELECTRONICS-STD50N03L Datasheet
337Kb / 16P
N-CHANNEL 30V - 9.2mohm - 40A - DPAK/IPAK STripFET TM III Power MOSFET
27-Oct-2006
STD60NH03L STMICROELECTRONICS-STD60NH03L_06 Datasheet
503Kb / 16P
N-channel 30V - 0.0075ohm - 60A - DPAK/IPAK STripFET TM III Power MOSFET
19-Jul-2006
STD70N03L STMICROELECTRONICS-STD70N03L Datasheet
337Kb / 16P
N-channel 30V - 0.0059ohm - 70A - DPAK / IPAK STripFET TM III Power MOSFET
29-Jun-2006
STD100NH02L STMICROELECTRONICS-STD100NH02L_06 Datasheet
475Kb / 16P
N-channel 24V - 0.0042ohm - 60A - DPAK - IPAK STripFET TM II Power MOSFET
08-Aug-2006
STD18NF03L STMICROELECTRONICS-STD18NF03L Datasheet
301Kb / 13P
N-channel 30V - 0.038Ω - 17A - DPAK STripFET??II Power MOSFET
27-Jul-2007
STD1703L STMICROELECTRONICS-STD1703L Datasheet
981Kb / 10P
N-CHANNEL 30V - 0.038Ω - 17A - DPAK STripFET™ II MOSFET
Apr-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com