Electronic Components Datasheet Search
  English  ▼

X  

TLE6250C Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE6250C
Description  High Speed CAN-Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6250C Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE6250C Datasheet HTML 1Page - Infineon Technologies AG TLE6250C Datasheet HTML 2Page - Infineon Technologies AG TLE6250C Datasheet HTML 3Page - Infineon Technologies AG TLE6250C Datasheet HTML 4Page - Infineon Technologies AG TLE6250C Datasheet HTML 5Page - Infineon Technologies AG TLE6250C Datasheet HTML 6Page - Infineon Technologies AG TLE6250C Datasheet HTML 7Page - Infineon Technologies AG TLE6250C Datasheet HTML 8Page - Infineon Technologies AG TLE6250C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Datasheet
Rev. 4.2
www.infineon.com/automotive-transceivers
1
2022-02-03
TLE6250
High Speed CAN-Transceiver
Features
• CAN data transmission rate up to 1 Mbit/s
• Receive-only mode and Stand-by mode
• Suitable for 12 V and 24 V applications
• Excellent EMC performance (very high immunity and very low emission)
• Versions for 5 V and 3.3 V microcontrollers
• Bus pins are short circuit proof to ground and battery voltage
• Overtemperature protection
• Very wide temperature range (-40°C up to 150°C)
• Green Product (RoHS compliant)
Potential applications
• Engine control unit (ECUs)
• Transmission control units (TCUs)
• Chassis control modules
• Electric power steering
Product validation
Qualified for automotive applications. Product validation according to AEC-Q100.
Description
The HS CAN-transceivers of the TLE6250 family are monolithic integrated circuits that are available as bare die
as well as in a PG-DSO-8 package with the same functionality. The transceivers are optimized for high speed
differential mode data transmission in automotive applications and industrial applications and they are
compatible to ISO 11898. The transceivers work as an interface between the CAN protocol controller and the
physical differential bus in both 12 V systems and 24 V systems.
The transceivers are based on the Smart Power Technology (SPT), which allows bipolar and CMOS control
circuitry in accordance with DMOS power devices to coexist in the monolithic circuit. The TLE6250 is designed
to withstand the severe conditions of automotive applications and provides excellent EMC performance.
TLE6250G
5 V logic I/O version: RxD, TxD, INH, RM. Two control pins (RM, INH) and three operation modes: Normal mode,
Stand-by mode and Receive-only mode.


Similar Part No. - TLE6250C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6250C INFINEON-TLE6250C Datasheet
615Kb / 27P
CAN-Transceiver
Version 3.4 2002-10-08
TLE6250C INFINEON-TLE6250C Datasheet
544Kb / 26P
High Speed CAN-Transceiver
Rev. 4.0, April 2008
TLE6250C INFINEON-TLE6250C Datasheet
934Kb / 24P
High Speed CAN-Transceiver
Rev. 4.1 2017-03-15
TLE6250CV33 INFINEON-TLE6250CV33 Datasheet
615Kb / 27P
CAN-Transceiver
Version 3.4 2002-10-08
TLE6250CV33 INFINEON-TLE6250CV33 Datasheet
544Kb / 26P
High Speed CAN-Transceiver
Rev. 4.0, April 2008
More results

Similar Description - TLE6250C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6660 ATMEL-ATA6660_06 Datasheet
242Kb / 12P
High-speed Can Transceiver
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551_07 Datasheet
279Kb / 24P
High-Speed CAN Transceiver
2007
logo
Infineon Technologies A...
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
logo
NXP Semiconductors
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
High-speed CAN transceiver
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
High-speed CAN transceiver
Rev. 6-24 August 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com