Electronic Components Datasheet Search
  English  ▼

X  

STD70N03L Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD70N03L
Description  N-channel 30V - 0.0059ohm - 70A - DPAK / IPAK STripFET TM III Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD70N03L Datasheet(HTML) 4 Page - STMicroelectronics

  STD70N03L Datasheet HTML 1Page - STMicroelectronics STD70N03L Datasheet HTML 2Page - STMicroelectronics STD70N03L Datasheet HTML 3Page - STMicroelectronics STD70N03L Datasheet HTML 4Page - STMicroelectronics STD70N03L Datasheet HTML 5Page - STMicroelectronics STD70N03L Datasheet HTML 6Page - STMicroelectronics STD70N03L Datasheet HTML 7Page - STMicroelectronics STD70N03L Datasheet HTML 8Page - STMicroelectronics STD70N03L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STD70N03L - STD70N03L-1
4/16
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 3.
On/off states
Symbol
Parameter
Test condictions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 250µA, VGS= 0
30
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 20V,
VDS = 20V,Tc = 125°C
1
10
µA
µA
IGSS
Gate body leakage
current(VDS = 0)
VGS = ±20V
±
100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250µA
1V
RDS(on)
Static drain-source on
resistance
VGS= 10V, ID= 35A
VGS= 5V, ID= 35A
VGS= 10V, ID= 35A @Tj=125°C
VGS= 5V, ID= 35A @Tj=125°C
0.0059
0.007
0.0091
0.0108
0.0073
0.013
0.0113
0.0201
Ω
Ω
Ω
Ω
Table 4.
Dynamic
Symbol
Parameter
Test condictions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward
transconductance
VDS =10V, ID = 15A
40
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS =25V, f=1MHz, VGS=0
2200
380
49
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD=15V, ID = 70A
VGS =5V
(see Figure 7)
15.7
8.3
3.4
21
nC
nC
nC
Qgls
(2)
2.
Gate charge for synchronous operation: see Appendix A: Power losses estimation
Third-quadrant gate
charge
VDS <0V, VGS =10V
15
nC
RG
Gate input resistance
f=1MHz Gate DC Bias =0 Test
signal level =20mV open drain
1.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com