Electronic Components Datasheet Search
  English  ▼

X  

D90N02L Datasheet(PDF) 1 Page - STMicroelectronics

Part # D90N02L
Description  N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D90N02L Datasheet(HTML) 1 Page - STMicroelectronics

  D90N02L Datasheet HTML 1Page - STMicroelectronics D90N02L Datasheet HTML 2Page - STMicroelectronics D90N02L Datasheet HTML 3Page - STMicroelectronics D90N02L Datasheet HTML 4Page - STMicroelectronics D90N02L Datasheet HTML 5Page - STMicroelectronics D90N02L Datasheet HTML 6Page - STMicroelectronics D90N02L Datasheet HTML 7Page - STMicroelectronics D90N02L Datasheet HTML 8Page - STMicroelectronics D90N02L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
May 2006
Rev 3
1/17
17
STD90N02L
STD90N02L-1
N-channel 24V - 0.0052
Ω - 60A - DPAK - IPAK
STripFET™ III Power MOSFET
General features
■ RDS(ON) * Qg industry’s benchmark
■ Conduction losses reduced
■ Switching losses reduced
■ Low threshold device
■ In compliance with the 2002/95/ec european
directive
Description
This series of products utilizes the latest
advanced design rules of ST’s proprietary
STripFET™ technology. This is suitable for the
most demanding DC-DC converter application
where high efficiency is to be achieved.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STD90N02L
24V
<0.006
Ω
60A
STD90N02L-1
24V
<0.006
Ω
60A
1
3
3
2
1
DPAK
IPAK
www.st.com
Order codes
Part number
Marking
Package
Packaging
STD90N02L-1
D90N02L
IPAK
Tube
STD90N02L
D90N02L
DPAK
Tape & reel


Similar Part No. - D90N02L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
D90N03L STMICROELECTRONICS-D90N03L Datasheet
314Kb / 16P
N-channel 30V - 0.005Ω - 80A - DPAK/IPAK STripFET??III Power MOSFET
20-Oct-2006
D90N03L-1 STMICROELECTRONICS-D90N03L-1 Datasheet
314Kb / 16P
N-channel 30V - 0.005Ω - 80A - DPAK/IPAK STripFET??III Power MOSFET
20-Oct-2006
More results

Similar Description - D90N02L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB100NH02L STMICROELECTRONICS-STB100NH02L Datasheet
409Kb / 13P
N-CHANNEL 24V - 0.0052ohm - 60A D2PAK STripFET™ III POWER MOSFET
21-Jun-2006
STD90NH02L STMICROELECTRONICS-STD90NH02L Datasheet
510Kb / 12P
N-CHANNEL 24V - 0.0052 ohm - 60A DPAK/IPAK STripFET™ III POWER MOSFET
Sep-2003
STD70NH02L STMICROELECTRONICS-STD70NH02L Datasheet
490Kb / 16P
N-CHANNEL 24V - 0.0062 Ohm - 60A IPAK/DPAK STripFET II Power MOSFET
19-Jul-2006
STD100NH02L STMICROELECTRONICS-STD100NH02L Datasheet
474Kb / 12P
N-channel 24V - 0.0042 - 60A - DPAK - IPAK STripFET II Power MOSFET
Sep-2003
STD90NH02L STMICROELECTRONICS-STD90NH02L_06 Datasheet
479Kb / 16P
N-channel 24V - 0.0052ohm - 60A - DPAK/IPAK STripFET TM Power MOSFET
03-Aug-2006
STD38NH02L STMICROELECTRONICS-STD38NH02L_06 Datasheet
496Kb / 16P
N-channel 24V - 0.011ohm - 38A - DPAK/IPAK STripFET TM III Power MOSFET
11-Jul-2006
STD50NH02L STMICROELECTRONICS-STD50NH02L_06 Datasheet
500Kb / 16P
N-channel 24V - 0.0085ohm - 50A - DPAK/IPAK STripFET TM III Power MOSFET
11-Jul-2006
STD60NH03L STMICROELECTRONICS-STD60NH03L_06 Datasheet
503Kb / 16P
N-channel 30V - 0.0075ohm - 60A - DPAK/IPAK STripFET TM III Power MOSFET
19-Jul-2006
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
817Kb / 17P
N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
03-May-2006
STD100NH02L STMICROELECTRONICS-STD100NH02L_06 Datasheet
475Kb / 16P
N-channel 24V - 0.0042ohm - 60A - DPAK - IPAK STripFET TM II Power MOSFET
08-Aug-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com