Electronic Components Datasheet Search
  English  ▼

X  

STD616A Datasheet(PDF) 2 Page - STMicroelectronics

Part # STD616A
Description  HIGH VOLTAGE NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD616A Datasheet(HTML) 2 Page - STMicroelectronics

  STD616A Datasheet HTML 1Page - STMicroelectronics STD616A Datasheet HTML 2Page - STMicroelectronics STD616A Datasheet HTML 3Page - STMicroelectronics STD616A Datasheet HTML 4Page - STMicroelectronics STD616A Datasheet HTML 5Page - STMicroelectronics STD616A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
6.25
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off
Current (VBE = 0 V)
VCE = 1000 V
VCE = 1000 V
Tj = 125
oC
50
0.5
µA
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 100 mA
L = 25 mH
450
V
VEBO
Emitter-Base Voltage
(IC = 0)
IE = 1 mA
12
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 250 mA
IB = 65 mA
IC = 0.8 A
IB = 250 mA
0.3
0.5
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 250 mA
IB = 65 mA
IC = 0.8 A
IB = 250 mA
1
1.2
V
V
hFE
∗
DC Current Gain
IC = 200
µA
VCE = 5 V
IC = 300 mA
VCE = 5 V
IC = 480 mA
VCE = 5 V
IC = 1.6 A
VCE = 5 V
17
25
12
4
ton
ts
tf
RESISTIVE LOAD
Turn On Time
Storage Time
Fall Time
VCC = 250 V
IC = 250 mA
IB1 = 65 mA
IB2= -130 mA
0.2
5
0.65
µs
µs
µs
ton
ts
tf
RESISTIVE LOAD
Turn On Time
Storage Time
Fall Time
VCC = 250 V
IC = 0.8 A
IB1 = 160 mA
IB2 = -0.4 A
1
2.5
0.35
µs
µs
µs
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
Vcl = 300 V
IC = 250 mA
IB1 = 65 mA
IB2 = -130 mA
L = 200
µH
5
0.5
µs
µs
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
Vcl = 300 V
IC = 0.8 A
IB1 = 160 mA
IB2= -0.4 A
L = 200
µH
2.5
0.25
µs
µs
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
STD616A
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com