Electronic Components Datasheet Search
  English  ▼

X  

GP7NB60K Datasheet(PDF) 5 Page - STMicroelectronics

Part # GP7NB60K
Description  N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GP7NB60K Datasheet(HTML) 5 Page - STMicroelectronics

  GP7NB60K Datasheet HTML 1Page - STMicroelectronics GP7NB60K Datasheet HTML 2Page - STMicroelectronics GP7NB60K Datasheet HTML 3Page - STMicroelectronics GP7NB60K Datasheet HTML 4Page - STMicroelectronics GP7NB60K Datasheet HTML 5Page - STMicroelectronics GP7NB60K Datasheet HTML 6Page - STMicroelectronics GP7NB60K Datasheet HTML 7Page - STMicroelectronics GP7NB60K Datasheet HTML 8Page - STMicroelectronics GP7NB60K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STGD7NB60K - STGP7NB60K
Electrical characteristics
5/15
Table 5.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Current rise time
VCC = 480V, IC = 7A
RG= 10Ω, VGE= 15V,
Tj= 25°C (see Figure 18)
15
6
ns
ns
(di/dt)on
Eon
(1)
1.
Eon is the tun-on losses when a typical diode is used in the test circuit in figure 2. If the IGBT is offered in
a package with a co-pak diode, the co-pack diode is used as external diode. IGBTs & Diode are at the
same temperature (25°C and 125°C)
Turn-on delay time
Turn-on switching losses
VCC = 480V, IC = 7A
RG= 10Ω, VGE= 15V,
Tj=125°C (see Figure 18)
980
95
A/µs
µJ
tc
tr(Voff)
td(off)
tf
Eoff
(2)
Ets
2.
Turn-off losses include also the tail of the collector current
Cross-over time
Off voltage rise time
Turn-off delay time
Current fall time
Turn-off switching losses
Total switching losses
VCC = 480V, IC = 7A,
RGE = 10Ω, VGE = 15V,
TJ=25°C (see Figure 18)
105
30
50
100
140
200
ns
ns
ns
ns
µJ
µJ
tc
tr(Voff)
td(off)
tf
Eoff
(1)
Ets
Cross-over time
Off voltage rise time
Turn-off delay time
Current fall time
Turn-off switching losses
Total switching losses
VCC = 480V, IC = 7A,
RGE=10Ω, VGE =15V,
Tj=125°C (see Figure 18)
227
68
52
150
300
395
ns
ns
ns
ns
µJ
µJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com