Electronic Components Datasheet Search
  English  ▼

X  

GP30NC60W Datasheet(PDF) 5 Page - STMicroelectronics

Part # GP30NC60W
Description  N-channel 30A - 600V - TO-247 - TO-220 Ultra fast switching PowerMESH TM IGBT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GP30NC60W Datasheet(HTML) 5 Page - STMicroelectronics

  GP30NC60W Datasheet HTML 1Page - STMicroelectronics GP30NC60W Datasheet HTML 2Page - STMicroelectronics GP30NC60W Datasheet HTML 3Page - STMicroelectronics GP30NC60W Datasheet HTML 4Page - STMicroelectronics GP30NC60W Datasheet HTML 5Page - STMicroelectronics GP30NC60W Datasheet HTML 6Page - STMicroelectronics GP30NC60W Datasheet HTML 7Page - STMicroelectronics GP30NC60W Datasheet HTML 8Page - STMicroelectronics GP30NC60W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STGW30NC60W - STGP30NC60W
Electrical characteristics
5/14
Table 5.
Switching on/off (inductive load)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390V, IC = 20A
RG= 10Ω, VGE= 15V,
TJ= 25°C (see Figure 15)
29.5
12
1640
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390V, IC = 20A
RG= 10Ω, VGE= 15V,
TJ= 125°C (see Figure 15)
29
13.5
1600
ns
ns
A/µs
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
Vcc = 390V, IC = 20A,
RGE = 10Ω , VGE = 15V
TJ=25°C (see Figure 17)
19.5
118
27
ns
ns
ns
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
Vcc = 390V, IC = 20A,
RGE=10Ω , VGE =15V,
TJ=125°C (see Figure 17)
46
151
38
ns
ns
ns
Table 6.
Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eon
(1)
Eoff
(2)
Ets
1.
Eon is the tun-on losses when a typical diode is used in the test circuit in figure 2. If the IGBT is offered in
a package with a co-pak diode, the co-pack diode is used as external diode. IGBTs & Diode are at the
same temperature (25°C and 125°C)
2.
Turn-off losses include also the tail of the collector current
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390V, IC = 20A
RG=10Ω, VGE= 15V,
Tj= 25°C (see Figure 17)
116
181
297
µJ
µJ
µJ
Eon
(1)
Eoff
(2)
Ets
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390V, IC = 20A
RG=10Ω, VGE= 15V,
Tj= 125°C (see Figure 17)
239
355
594
µJ
µJ
µJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com