Electronic Components Datasheet Search
  English  ▼

X  

SP312ACT/TR Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP312ACT/TR
Description  Enhanced RS-232 Line Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP312ACT/TR Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP312ACT/TR Datasheet HTML 8Page - Sipex Corporation SP312ACT/TR Datasheet HTML 9Page - Sipex Corporation SP312ACT/TR Datasheet HTML 10Page - Sipex Corporation SP312ACT/TR Datasheet HTML 11Page - Sipex Corporation SP312ACT/TR Datasheet HTML 12Page - Sipex Corporation SP312ACT/TR Datasheet HTML 13Page - Sipex Corporation SP312ACT/TR Datasheet HTML 14Page - Sipex Corporation SP312ACT/TR Datasheet HTML 15Page - Sipex Corporation SP312ACT/TR Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image

Jan 3-07 Rev B
SP232A/233A/30A/32A
© 2007 Sipex Corporation
PACKAGE: 16 PIN NSOIC
Solved by Sipex
tm
Sipex corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 03
TEL: (0) 3-700
FAX: (0) 3-700
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume
any liability arising out of the application or use of any product or circuit described herein; neither does it convey
any license under its patent rights nor the rights of others.
Part Number
Temperature Range
Topmark
Package
SP232ACN.............................0°C to +70°C................................SP232ACN..........................................................................16–pin NSOIC
SP232ACN/TR.......................0°C to +70°C................................SP232ACN..........................................................................16–pin NSOIC
SP232ACP.............................0°C to +70°C.................................SP232ACP.........................................................................16–pin PDIP
SP232ACT.............................0°C to +70°C.................................SP232ACT..........................................................................16–pin WSOIC
SP232ACT/TR.......................0°C to +70°C.................................SP232ACT..........................................................................16–pin WSOIC
SP232AEN..........................–40°C to +85°C................................SP232AEN..........................................................................16–pin NSOIC
SP232AEN/TR....................–40°C to +85°C................................SP232AEN..........................................................................16–pin NSOIC
SP232AEP..........................–40°C to +85°C................................SP232AEP..........................................................................16–pin PDIP
SP232AET..........................–40°C to +85°C................................SP232AET...........................................................................16–pin WSOIC
SP232AET/TR.....................–40°C to +85°C................................SP232AET...........................................................................16–pin WSOIC
SP233ACP.............................0°C to +70°C.................................SP232ACP.........................................................................20–pin PDIP
SP233ACT............................0°C to +70°C.................................SP233ACT...........................................................................20–pin WSOIC
SP233ACT/TR......................0°C to +70°C.................................SP233ACT...........................................................................20–pin WSOIC
SP233AEP..........................–40°C to +85°C................................SP232AEP..........................................................................20–pin PDIP
SP233AET..........................–40°C to +85°C................................SP233AET...........................................................................20–pin WSOIC
SP233AET/TR.....................–40°C to +85°C................................SP233AET...........................................................................20–pin WSOIC
SP310ACP............................0°C to +70°C.................................SP310ACP.........................................................................18–pin PDIP
SP310ACT............................0°C to +70°C.................................SP310ACT..........................................................................18–pin WSOIC
SP310ACT/TR......................0°C to +70°C.................................SP310ACT..........................................................................18–pin WSOIC
SP310AEP..........................–40°C to +85°C................................SP310AEP..........................................................................18–pin PDIP
SP310AET..........................–40°C to +85°C................................SP310AET...........................................................................18–pin WSOIC
SP310AET/TR.....................–40°C to +85°C................................SP310AET...........................................................................18–pin WSOIC
SP312ACP............................0°C to +70°C.................................SP312ACP..........................................................................18–pin PDIP
SP312ACT............................0°C to +70°C.................................SP312ACT...........................................................................18–pin WSOIC
SP312ACT/TR......................0°C to +70°C.................................SP312ACT...........................................................................18–pin WSOIC
SP312AEP..........................–40°C to +85°C................................SP312AEP...........................................................................18–pin PDIP
SP312AET..........................–40°C to +85°C................................SP312AET............................................................................18–pin WSOIC
SP312AET/TR.....................–40°C to +85°C................................SP312AET............................................................................18–pin WSOIC
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP312AEA/TR = standard; SP312AEA-L/TR = lead free.
/TR = Tape and Reel
Pack quantity is 1,500 for WSOIC and 2,500 for NSOIC.
ORDERING INFORMATION
Solved by
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com