Electronic Components Datasheet Search
  English  ▼

X  

PVR13N Datasheet(PDF) 1 Page - International Rectifier

Part # PVR13N
Description  Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVR13N Datasheet(HTML) 1 Page - International Rectifier

  PVR13N Datasheet HTML 1Page - International Rectifier PVR13N Datasheet HTML 2Page - International Rectifier PVR13N Datasheet HTML 3Page - International Rectifier PVR13N Datasheet HTML 4Page - International Rectifier PVR13N Datasheet HTML 5Page - International Rectifier PVR13N Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet No. PD 10055-A
Series PVR13N
Microelectronic Power IC
HEXFET® Power MOSFET Photovoltaic Relay
Dual-Pole, Normally-Open
0-100V AC/DC, 360mA
General Description
The PVR13 Series AC/DC Relay is a dual-pole,
normally open, solid-state replacement for
electromechanical relays used for general purpose
switching of analog signals. It utilizes International
Rectifier’s HEXFET power MOSFETs as the output
switches, driven by an integrated circuit photovoltaic
generator of novel construction. The output switch is
controlled by radiation from a GaAlAs light emitting diode
(LED), which is optically isolated from the photovoltaic
generator.
The PVR13 Series overcomes the limitations of both
conventional electromechanical and reed relays by
offering the solid state advantages of long life, fast
operating speed, low pick up power, bounce-free
operation, low thermal offset voltages and miniature
package.These advantages allow product improvement
and design innovations in many applications such as
process control, multiplexing, automatic test equipment
and data acquisition.
The PVR13 can switch analog signals from
thermocouple level to 100 Volts peak AC or DC polarity.
Signal frequencies into the RF range are easily
controlled and switching rates up to 450Hz are
achievable. The extremely small thermally generated
offset voltages allow increased measurement
accuracies.
These relays are packaged in 16-pin, molded DIP
packages and available with through-hole leads, in
plastic shipping tubes.
Applications
§
Process Control
§
Data Acquisition
§
Test Equipment
§
Multiplexing and Scanning
Features
§
Bounce-Free Operation
§
1010 Off-State Resistance
§
1,000 V/
µsec dv/dt
§
0.2
µV Thermal Offset
§
5 mA Input Sensitivity
§
1,500 V
RMS I/O Isolation
§
Solid-State Reliability
Part Identification
PVR1300N
PVR1301N
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
www.irf.com
1


Similar Part No. - PVR13N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVR13N IRF-PVR13N Datasheet
93Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
PVR13NPBF IRF-PVR13NPBF Datasheet
93Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
PVR13NPBF IRF-PVR13NPBF Datasheet
186Kb / 7P
Bounce-Free Operation
PVR13NPBF IRF-PVR13NPBF_15 Datasheet
186Kb / 7P
Bounce-Free Operation
PVR13N IRF-PVR13N_1 Datasheet
93Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
More results

Similar Description - PVR13N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA33N IRF-PVA33N Datasheet
78Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA30N IRF-PVA30N Datasheet
68Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVY117 IRF-PVY117 Datasheet
102Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-40V AC/DC, 470mA
PVDZ172N IRF-PVDZ172N_06 Datasheet
105Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V DC, 1.5A
PVR13N IRF-PVR13N_1 Datasheet
93Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
PVN012APBF IRF-PVN012APBF Datasheet
129Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-20V, 4.0A AC/ 6.0A DC
PVT412A IRF-PVT412A Datasheet
124Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
PVT422PBF IRF-PVT422PBF_08 Datasheet
1Mb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual Pole, Normally Open
PVT322A IRF-PVT322A_08 Datasheet
1Mb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual Pole, Normally Open
PVT412ASPBF IRF-PVT412ASPBF Datasheet
1Mb / 5P
Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com