Electronic Components Datasheet Search
  English  ▼

X  

L6225 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6225
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6225 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6225 Datasheet HTML 11Page - STMicroelectronics L6225 Datasheet HTML 12Page - STMicroelectronics L6225 Datasheet HTML 13Page - STMicroelectronics L6225 Datasheet HTML 14Page - STMicroelectronics L6225 Datasheet HTML 15Page - STMicroelectronics L6225 Datasheet HTML 16Page - STMicroelectronics L6225 Datasheet HTML 17Page - STMicroelectronics L6225 Datasheet HTML 18Page - STMicroelectronics L6225 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15/20
L6225
OUTPUT CURRENT CAPABILITY AND IC POWER DISSIPATION
In Fig. 15 and Fig. 16 are shown the approximate relation between the output current and the IC power dissipa-
tion using PWM current control driving two loads, for two different driving types:
– One Full Bridge ON at a time (Fig. 15) in which only one load at a time is energized.
– Two Full Bridges ON at the same time (Fig. 16) in which two loads at the same time are energized.
For a given output current and driving type the power dissipated by the IC can be easily evaluated, in order to
establish which package should be used and how large must be the on-board copper dissipating area to guar-
antee a safe operating junction temperature (125°C maximum).
Figure 15. IC Power Dissipation versus Output Current with One Full Bridge ON at a time.
Figure 16. IC Power Dissipation versus Output Current with Two Full Bridges ON at the same time.
THERMAL MANAGEMENT
In most applications the power dissipation in the IC is the main factor that sets the maximum current that can be de-
liver by the device in a safe operating condition. Therefore, it has to be taken into account very carefully. Besides the
available space on the PCB, the right package should be chosen considering the power dissipation. Heat sinking can
be achieved using copper on the PCB with proper area and thickness. Figures 18, 19 and 20 show the Junction-to-
Ambient Thermal Resistance values for the PowerSO20, PowerDIP20 and SO20 packages.
For instance, using a PowerSO package with copper slug soldered on a 1.5 mm copper thickness FR4 board
with 6cm2 dissipating footprint (copper thickness of 35µm), the Rth j-amb is about 35°C/W. Fig. 17 shows mount-
ing methods for this package. Using a multi-layer board with vias to a ground plane, thermal impedance can be
reduced down to 15°C/W.
No PW M
fSW = 3 0 kHz (slow decay)
Test Conditions:
Supply Voltage = 24V
I A
I B
IOUT
IOUT
ONE FULL BRIDGE ON AT A TIME
PD [W]
I OUT [A]
0
0.25 0.5 0.75 1
1.25 1.5
0
2
4
6
8
10
No PWM
fSW = 30 kHz (slow decay)
Test Conditions:
Supply Volt age =24 V
I A
I B
IOUT
IOUT
PD [W ]
I OUT [A ]
TWO FULL BRIDGES ON AT THE SAME TIME
0
0.25 0.5 0.75
1
1.25 1.5
0
2
4
6
8
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com