Electronic Components Datasheet Search
  English  ▼

X  

STN4NF03L Datasheet(PDF) 3 Page - STMicroelectronics

Part # STN4NF03L
Description  N-channel 30V - 0.039ohm - 6.5A - SOT-223 STripFET II Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN4NF03L Datasheet(HTML) 3 Page - STMicroelectronics

  STN4NF03L_06 Datasheet HTML 1Page - STMicroelectronics STN4NF03L_06 Datasheet HTML 2Page - STMicroelectronics STN4NF03L_06 Datasheet HTML 3Page - STMicroelectronics STN4NF03L_06 Datasheet HTML 4Page - STMicroelectronics STN4NF03L_06 Datasheet HTML 5Page - STMicroelectronics STN4NF03L_06 Datasheet HTML 6Page - STMicroelectronics STN4NF03L_06 Datasheet HTML 7Page - STMicroelectronics STN4NF03L_06 Datasheet HTML 8Page - STMicroelectronics STN4NF03L_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STN4NF03L
Electrical ratings
3/12
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
30
V
VGS
Gate-source voltage
± 16
V
ID
Drain current (continuous) at TC = 25°C
6.5
A
ID
Drain current (continuous) at TC=100°C
4.5
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
26
A
PTOT
Total dissipation at TC = 25°C
3.3
W
Derating factor
0.026
W/°C
EAS
(2)
2.
Starting Tj=25°C, ID= 6.5A, VDD=15V
Single pulse avalanche energy
200
mJ
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 2.
Thermal data
Rthj-pcb
Thermal resistance junction-PCB(1) max
1.
When mounted on 1 in2 FR-4 board , 2 oz Cu, t<10s
38
°C/W
Rthj-pcb
Thermal resistance junction-PCB(2) max
2.
Minimum recommended footprint
100
°C/W
Tl
Maximum lead temperature for soldering
purpose (for 10 sec. 1.6 mm from case) typ
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com