Electronic Components Datasheet Search
  English  ▼

X  

STS17NF3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS17NF3LL
Description  N-channel 30V - 0.0045ohm - 17A - SO-8 STripFET II Power MOSFET for DC-DC conversion
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS17NF3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STS17NF3LL_06 Datasheet HTML 1Page - STMicroelectronics STS17NF3LL_06 Datasheet HTML 2Page - STMicroelectronics STS17NF3LL_06 Datasheet HTML 3Page - STMicroelectronics STS17NF3LL_06 Datasheet HTML 4Page - STMicroelectronics STS17NF3LL_06 Datasheet HTML 5Page - STMicroelectronics STS17NF3LL_06 Datasheet HTML 6Page - STMicroelectronics STS17NF3LL_06 Datasheet HTML 7Page - STMicroelectronics STS17NF3LL_06 Datasheet HTML 8Page - STMicroelectronics STS17NF3LL_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
October 2006
Rev 5
1/12
12
STS17NF3LL
N-channel 30V - 0.0045
Ω - 17A - SO-8
STripFET™ II Power MOSFET for DC-DC conversion
General features
■ Optimal RDS(on) x Qg trade-off @ 4.5V
■ Conduction losses reduced
■ Switching losses reduced
Description
This application specific Power MOSFET is the
second generation of STMicroelectronis unique
"Single Feature Size™" strip-based process. The
resulting transistor shows the best trade-off
between on-resistance and gate charge. Such
features make it the best choice in high efficiency
DC-DC converters for Telecom and computer
industries.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STS17NF3LL
30V
<0.0055
Ω
17A
SO-8
www.st.com
Order codes
Part number
Marking
Package
Packaging
STS17NF3LL
S17NF3LL
SO-8
Tape & reel


Similar Part No. - STS17NF3LL_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS17NF3LL STMICROELECTRONICS-STS17NF3LL Datasheet
291Kb / 8P
N-CHANNEL 30V - 0.0045 ohm - 17A SO-8 STripFET™ II MOSFET FOR DC-DC CONVERSION
Mar-2003
More results

Similar Description - STS17NF3LL_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS17NF3LL STMICROELECTRONICS-STS17NF3LL Datasheet
291Kb / 8P
N-CHANNEL 30V - 0.0045 ohm - 17A SO-8 STripFET™ II MOSFET FOR DC-DC CONVERSION
Mar-2003
STS25NH3LL STMICROELECTRONICS-STS25NH3LL Datasheet
290Kb / 8P
N-CHANNEL 30V - 0.0032 ohm - 25A SO-8 STripFET™ III MOSFET FOR DC-DC CONVERSION
19-Nov-2007
STSJ100NH3LL STMICROELECTRONICS-STSJ100NH3LL Datasheet
107Kb / 6P
N-CHANNEL 30V - 0.0027 ohm - 100A PowerSO-8??STripFET??III POWER MOSFET FOR DC-DC CONVERSION
Sep-2003
STL80NF3LL STMICROELECTRONICS-STL80NF3LL Datasheet
344Kb / 9P
N-CHANNEL 30V - 0.0045ohm - 80A PowerFLAT(6X5) STripFET II MOSFET
22-Jun-2005
STS17NH3LL STMICROELECTRONICS-STS17NH3LL Datasheet
247Kb / 9P
N-channel 30V - 0.004OHM - 17A - SO-8 STripFET Power MOSFET for DC-DC conversion
01-Aug-2006
STS12NF30L STMICROELECTRONICS-STS12NF30L_07 Datasheet
305Kb / 12P
N-channel 30V - 0.008ohm - 12A SO-8 STripFET II Power MOSFET
31-Jan-2007
STS17NH3LL STMICROELECTRONICS-STS17NH3LL_07 Datasheet
307Kb / 12P
N-channel 30V - 0.004ohm - 17A - SO-8 STripFET Power MOSFET for DC-DC conversion
09-Jan-2007
STSJ60NH3LL STMICROELECTRONICS-STSJ60NH3LL Datasheet
283Kb / 12P
N-channel 30V - 0.004ohm - 15A - PowerSO-8 STripFET Power MOSFET for DC-DC conversion
12-Apr-2006
STS25NH3LL STMICROELECTRONICS-STS25NH3LL Datasheet
311Kb / 11P
N-channel 30V - 0.0032Ω - 25 A - SO-8 STripFET??III Power MOSFET for DC/DC conversion
19-Nov-2007
STS17NH3LL_0710 STMICROELECTRONICS-STS17NH3LL_0710 Datasheet
313Kb / 12P
N-channel 30 V - 0.004 Ω - 17 A - SO-8 STripFET??Power MOSFET for DC-DC conversion
12-Dec-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com