Electronic Components Datasheet Search
  English  ▼

X  

2SC4617G Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SC4617G
Description  NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4617G Datasheet(HTML) 2 Page - ON Semiconductor

  2SC4617G Datasheet HTML 1Page - ON Semiconductor 2SC4617G Datasheet HTML 2Page - ON Semiconductor 2SC4617G Datasheet HTML 3Page - ON Semiconductor 2SC4617G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC4617
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V(BR)CBO
50
Vdc
Collector-Emitter Voltage
V(BR)CEO
50
Vdc
Emitter-Base Voltage
V(BR)EBO
5.0
Vdc
Collector Current − Continuous
IC
100
mAdc
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Power Dissipation (Note 1)
PD
125
mW
Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
− 55 ~ + 150
°C
1. Device mounted on a FR-4 glass epoxy printed circuit board using the minimum recommended footprint.
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristic
Symbol
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage (IC = 50 mAdc, IE = 0)
V(BR)CBO
50
−
−
Vdc
Collector-Emitter Breakdown Voltage (IC = 1.0 mAdc, IB = 0)
V(BR)CEO
50
−
−
Vdc
Emitter-Base Breakdown Voltage (IE = 50 mAdc, IE = 0)
V(BR)EBO
5.0
−
−
Vdc
Collector-Base Cutoff Current (VCB = 30 Vdc, IE = 0)
ICBO
−
−
0.5
mA
Emitter-Base Cutoff Current (VEB = 4.0 Vdc, IB = 0)
IEBO
−
−
0.5
mA
Collector-Emitter Saturation Voltage (Note 2)
(IC = 60 mAdc, IB = 5.0 mAdc)
VCE(sat)
−
−
0.4
Vdc
DC Current Gain (Note 2)
(VCE = 6.0 Vdc, IC = 1.0 mAdc)
hFE
120
−
560
−
Transition Frequency (VCE = 12 Vdc, IC = 2.0 mAdc, f = 30 MHz)
fT
−
180
−
MHz
Output Capacitance (VCB = 12 Vdc, IC = 0 Adc, f = 1 MHz)
COB
−
2.0
−
pF
2. Pulse Test: Pulse Width
≤ 300 ms, D.C. ≤ 2%.
ORDERING INFORMATION
Device
Package
Shipping†
2SC4617
SC−75
3,000 / Tape & Reel
2SC4617G
SC−75
(Pb−Free)
3,000 / Tape & Reel
2SC4617T1
SC−75
3,000 / Tape & Reel
2SC4617T1G
SC−75
(Pb−Free)
3,000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com