Electronic Components Datasheet Search
  English  ▼

X  

CS5101 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS5101
Description  Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5101 Datasheet(HTML) 5 Page - ON Semiconductor

  CS5101 Datasheet HTML 1Page - ON Semiconductor CS5101 Datasheet HTML 2Page - ON Semiconductor CS5101 Datasheet HTML 3Page - ON Semiconductor CS5101 Datasheet HTML 4Page - ON Semiconductor CS5101 Datasheet HTML 5Page - ON Semiconductor CS5101 Datasheet HTML 6Page - ON Semiconductor CS5101 Datasheet HTML 7Page - ON Semiconductor CS5101 Datasheet HTML 8Page - ON Semiconductor CS5101 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CS5101
http://onsemi.com
5
ORDERING INFORMATION
Device
Package
Shipping†
CS5101EN14
PDIP−14
25 Units / Rail
CS5101EN14G
PDIP−14
(Pb−Free)
CS5101EDW16
SOIC−16WB
47 Units / Rail
CS5101EDW16G
SOIC−16WB
(Pb−Free)
CS5101EDWR16
SOIC−16WB
1000 / Tape & Reel
CS5101EDWR16G
SOIC−16WB
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
CIRCUIT DESCRIPTION
Figure 2. Block Diagram
VD
VCC
VREF
LGND
VFB
COMP
RAMP
SYNC
VC
VG
PGND
IS COMP
IS−
IS+
Q1
Q2
Q3
VCC
5.0 V
5.0 V
−
+
0.7 V
−
+
IS
−
+
VCC−OK
VCC
SLEEP
+
−
−
+
0.7 V
+
+
−
UVL
−
+ 8.0 V/7.0 V
VCC
5.0 V
OK
REF
−
+
−
+
EA
5.0 V
5.0 V
5.0 V
5.0 V
10 k
10 k
2.0 V
24.6 k
5.0 V
−
+ 2.4 V
I = 200 mA
+
−
BUF
+
+
−
−
PWM
LATCH
Q
Q
S
R
VC
−
+
−
+
−
+
−
+
1.65 V
2.5 V
4.5 V/4.4 V
1.5 V
+
−
RAMP
+
−
SYNC
+
−
REF_OK
G1
G2
Q4
5.0 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com