Electronic Components Datasheet Search
  English  ▼

X  

CS5156 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5156
Description  CPU 5?묪it Nonsynchronous Buck Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5156 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5156 Datasheet HTML 1Page - ON Semiconductor CS5156 Datasheet HTML 2Page - ON Semiconductor CS5156 Datasheet HTML 3Page - ON Semiconductor CS5156 Datasheet HTML 4Page - ON Semiconductor CS5156 Datasheet HTML 5Page - ON Semiconductor CS5156 Datasheet HTML 6Page - ON Semiconductor CS5156 Datasheet HTML 7Page - ON Semiconductor CS5156 Datasheet HTML 8Page - ON Semiconductor CS5156 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 11
1
Publication Order Number:
CS5156/D
CS5156
CPU 5−Bit Nonsynchronous
Buck Controller
The CS5156 is a 5−bit nonsynchronous N−Channel buck controller.
It is designed to provide unprecedented transient response for today’s
demanding high−density, high−speed logic. The regulator operates
using a proprietary control method, which allows a 100 ns response
time to load transients. The CS5156 is designed to operate over a
4.25−16 V range (VCC) using 12 V to power the IC and 5.0 V as the
main supply for conversion.
The CS5156 is specifically designed to power Pentium® II
processors and other high performance core logic. It includes the
following features: on board, 5−bit DAC, short circuit protection,
1.0% output tolerance, VCC monitor, and programmable Soft Start
capability. The CS5156 is backwards compatible with the 4−bit
CS5151, allowing the mother board designer the capability of using
either the CS5151 or the CS5156 with no change in layout. The
CS5156 is available in 16 pin surface mount and DIP packages.
Features
• N−Channel Design
• Excess of 1.0 MHz Operation
• 100 ns Transient Response
• 5−Bit DAC
• Backward Compatible with 4−Bit CS5150/CS5151
• 30 ns Gate Rise/Fall Times
• 1.0% DAC Accuracy
• 5.0 V & 12 V Operation
• Remote Sense
• Programmable Soft Start
• Lossless Short Circuit Protection
• VCC Monitor
• Adaptive Voltage Positioning
• V2™ Control Topology
• Current Sharing
• Overvoltage Protection
CS5156GDR16
http://onsemi.com
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
Device
Package
Shipping
ORDERING INFORMATION
CS5156GD16
SO−16
48 Units/Rail
SO−16
2500 Tape & Reel
SOIC−16
D SUFFIX
CASE 751B
1
16
DIP−16
N SUFFIX
CASE 648
16
1
CS5156
AWLYYWW
PIN CONNECTIONS
VCC1
VID3
LGND
VID2
COMP
VID1
VFB
VID0
1
VCC2
VFFB
VGATE
COFF
PGND
VID4
NC
SS
1
CS5156
AWLYWW
16
MARKING
DIAGRAMS
1
16
CS5156GN16
DIP−16
25 Units/Rail


Similar Part No. - CS5156

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5156 CHERRY-CS5156 Datasheet
308Kb / 14P
CPU 5-Bit Nonsynchronous Buck Controller
Rev. 1/5/99
CS5156GD16 CHERRY-CS5156GD16 Datasheet
308Kb / 14P
CPU 5-Bit Nonsynchronous Buck Controller
Rev. 1/5/99
CS5156GDR16 CHERRY-CS5156GDR16 Datasheet
308Kb / 14P
CPU 5-Bit Nonsynchronous Buck Controller
Rev. 1/5/99
CS5156GN16 CHERRY-CS5156GN16 Datasheet
308Kb / 14P
CPU 5-Bit Nonsynchronous Buck Controller
Rev. 1/5/99
More results

Similar Description - CS5156

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5156 CHERRY-CS5156 Datasheet
308Kb / 14P
CPU 5-Bit Nonsynchronous Buck Controller
Rev. 1/5/99
logo
ON Semiconductor
CS5159 ONSEMI-CS5159 Datasheet
607Kb / 16P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5160 ONSEMI-CS5160 Datasheet
584Kb / 18P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5161 ONSEMI-CS5161 Datasheet
589Kb / 18P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 12
CS5165A ONSEMI-CS5165A Datasheet
497Kb / 18P
5?묪it Synchronous CPU Buck Controller
October, 2005 ??Rev. 1
CS5151 ONSEMI-CS5151 Datasheet
572Kb / 17P
CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
CS5157H ONSEMI-CS5157H Datasheet
432Kb / 16P
CPU 5?묪it Synchronous Buck Controller
October, 2005 ??Rev. 7
CS5158 ONSEMI-CS5158 Datasheet
607Kb / 16P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5165H ONSEMI-CS5165H Datasheet
722Kb / 21P
5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 5
CS5151H ONSEMI-CS5151H Datasheet
560Kb / 16P
CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com