Electronic Components Datasheet Search
  English  ▼

X  

MIC29201 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC29201
Description  400mA Low-Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29201 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC29201 Datasheet HTML 4Page - Micrel Semiconductor MIC29201 Datasheet HTML 5Page - Micrel Semiconductor MIC29201 Datasheet HTML 6Page - Micrel Semiconductor MIC29201 Datasheet HTML 7Page - Micrel Semiconductor MIC29201 Datasheet HTML 8Page - Micrel Semiconductor MIC29201 Datasheet HTML 9Page - Micrel Semiconductor MIC29201 Datasheet HTML 10Page - Micrel Semiconductor MIC29201 Datasheet HTML 11Page - Micrel Semiconductor MIC29201 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MIC2920A/29201/29202/29204
Micrel, Inc.
February 2005
9
M9999-021505
SHUT-
DOWN
V
GND
4
7
8
OUT
+VIN
ADJUST
1
3
SHUTDOWN
INPUT
100pF
2N2222
1%
300kΩ
≥ 5.3V
1%
180kΩ
+
10µF
470 kΩ
HIGH = OFF
LOW = ON
LOW = 3.3V OUT
220kΩ
1%
V CC OUT
HIGH = 5V OUT
Automotive Applications
The MIC2920A is ideally suited for automotive applications
for a variety of reasons. It will operate over a wide range of
input voltages with very low dropout voltages (40mV at light
loads), and very low quiescent currents (100µAtypical).These
features are necessary for use in battery powered systems,
such as automobiles. It is a “bulletproof” device with the abil-
ity to survive both reverse battery (negative transients up to
20V below ground), and load dump (positive transients up to
60V) conditions.Awide operating temperature range with low
temperature coefficients is yet another reason to use these
versatile regulators in automotive designs.
tor from 1µF to 220µF only decreases the noise from 430µV
to 160µV
RMS for a 100kHz bandwidth at 5V output. Noise can
be reduced fourfold by a bypass capacitor across R
1, since it
reduces the high frequency gain from 4 to unity. Pick
or about 0.01µF. When doing this, the output capacitor must
be increased to 10µF to maintain stability. These changes re-
duce the output noise from 430µV to 100µV rms for a 100kHz
bandwidth at 5V output. With the bypass capacitor added,
noise no longer scales with output voltage so that improve-
ments are more dramatic at higher output voltages.
NOTE: PINS 2 AND 6 ARE LEFT OPEN
IN
OUT
GND ADJUST
E R R O R
5
3
4
1
8
SHUTDOWN
V
V
E R R O R
OUTPUT
SHUTDOWN
INPUT
IN
+V
100kΩ
OUT
V
1.2
26V
1
R
100
pF
10µF
2
R
1.23V
R E F
V
7
V OUT = VR E F x (1 +
)
1
R
2
R
O FF
ON
IN
OUT
GND
V
+V
IN
V
OUT
V
= 5V
10µF
+
Figure 2. MIC2920A-5.0 Fixed +5V Regulator
Figure 3. MIC29202/29204 Adjustable Regulator. Pinout is for
MIC29204.
Typical Applications
Figure 5. MIC29202/29204 5.0V or 3.3V Selectable Regulator
with Shutdown. Pinout is for MIC29204.
Figure 4. MIC29204 Wide Input Voltage Range Current Limiter
PIN 3 LOW= ENABLE OUTPUT. Q1 ON = 3.3V, Q1 OFF = 5.0V.
CBYPASS
1
2 πR1 • 200 Hz
=
IN
OUT
GND ADJUST
E R R O R
5
3
4
1
8
SD
V
+V
E R R O R
OUTPUT
SHUTDOWN
INPUT
IN
+V
OUT
*V
7
O F F
ON
IN
= V
* Minimum Input-Output Voltage ranges from 40mV to 400mV, depending on load current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com