Electronic Components Datasheet Search
  English  ▼

X  

30718 Datasheet(PDF) 2 Page - Vicor Corporation

Part # 30718
Description  HS CFG A LONG .4H LOW FLOW, THRU HOLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

30718 Datasheet(HTML) 2 Page - Vicor Corporation

  30718 Datasheet HTML 1Page - Vicor Corporation 30718 Datasheet HTML 2Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.00°
1.5 EACH
SIDE OF VERT
.410
.200
.110
2.220-.000
+.020
R.010
(2) PL.
.235
R.035
R.035
(24) PL.
.017
(2) PL.
* .138
(2) PL.
* .133
(9) PL.
* .269
* .058
(2) PL.
* .060
(8) PL.
A
SEE DETAIL A
.023
.036
R.018
(2) PL.
.031
.040
R.030
(8) PL.
.080
.252
* .060
1.756
* .030
DETAIL A
SCALE 8 : 1
NOTES:
MATL: ALUMINUM 6063-T5
1.
* DENOTES DIMENSION TO THEORETICAL SHARP CORNER.
2.
ALL DIMENSIONS ARE CRITICAL CHARACTERISTICS
3.
RoHS COMPLIANT PER CST-0001 LATEST REVISION.
4.
DIMENSIONS ARE INCHES ONLY
5.
PROFILE COMMON
FOR
30195
30718
32188
30482
A
A
B
B
C
C
D
D
E
E
F
F
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
VICOR CONFIDENTIAL
THIS DOCUMENT AND THE DATA DISCLOSED HEREIN OR
HEREWITH IS NOT TO BE REPRODUCED, USED OR
DISCLOSED IN WHOLE OR IN PART TO ANYONE WITHOUT
THE PERMISSION OF VICOR CORP.
SCALE
TOLERANCES ARE:
DECIMALS
ANGLES
X.XX [X.X] = ±0.01 [0.25]
±1°
X.XXX [X.XX] = ±0.005 [0.127]
SHEET
OF
SIZE
67131
CAGE CODE
30718
DWG NO
4
REV
DRAWN BY
DATE
A. RAGIPANI
07/14/09
HS CFG "A" LONG .4H LOW
FLOW, THRU HOLE, EXTRUSION
SWD
VICOR
THIRD ANGLE PROJECTION
DO NOT SCALE DRAWING
2
2
1:1
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE : INCH / [MM]
REV
APPROVED
REVISIONS
DATE
DESCRIPTION
SEE SHEET 1
C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com