Electronic Components Datasheet Search
  English  ▼

X  

STGW60H65DFB Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGW60H65DFB
Description  Trench gate field-stop 650 V, 60 A high speed HB series IGBT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW60H65DFB Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGW60H65DFB Datasheet HTML 3Page - STMicroelectronics STGW60H65DFB Datasheet HTML 4Page - STMicroelectronics STGW60H65DFB Datasheet HTML 5Page - STMicroelectronics STGW60H65DFB Datasheet HTML 6Page - STMicroelectronics STGW60H65DFB Datasheet HTML 7Page - STMicroelectronics STGW60H65DFB Datasheet HTML 8Page - STMicroelectronics STGW60H65DFB Datasheet HTML 9Page - STMicroelectronics STGW60H65DFB Datasheet HTML 10Page - STMicroelectronics STGW60H65DFB Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Figure 13. Switching energy vs temperature
E (µJ)
1800
1000
200
25
TJ(°C)
50
75
100
125
2600
VCC=400V, VGE=15V
Rg=10Ω, IC=60A
150
EOFF
EON
GIPD290820131623FSR
Figure 14. Switching energy vs gate resistance
E(µJ)
2100
1300
500
2
RG(Ω)
6
10
2900
VCC=400V, VGE=15V
IC=60A, TJ=175°C
14
18
EOFF
EON
GIPD280820131527FSR
Figure 15. Switching energy vs collector current
E (µJ)
2000
1000
0
0
IC(A)
20
40
60
80
3000
4000
5000
6000
7000
VCC=400V, VGE=15V
Rg=10Ω, TJ=175°C
100
EOFF
EON
GIPD280820131538FSR
Figure 16. Switching energy vs collector emitter voltage
E (µJ)
2300
1300
300
150
VCE(V)
250
350
450
3300
TJ=175°C, VGE=15V
Rg=10Ω, IC=60A
EOFF
EON
4300
GIPD280820131554FSR
Figure 17. Switching times vs collector current
t
(ns)
100
10
1
0
IC (A)
20
40
60
80
TJ=175°C, VGE=15V
Rg=10Ω, VCC=400V
100
t f
t doff
t don
t r
GIPD280820131613FSR
Figure 18. Switching times vs gate resistance
t
(ns)
100
10
Rg(Ω)
4
8
TJ =175°C, VGE =15V
IC =60A, VCC =400V
12
tf
tdoff
16
tdon
tr
20
GIPD280820131622FSR
STGW60H65DFB, STGWA60H65DFB, STGWT60H65DFB
Electrical characteristics (curves)
DS9535 - Rev 8
page 7/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com