Electronic Components Datasheet Search
  English  ▼

X  

30482 Datasheet(PDF) 1 Page - Vicor Corporation

Part # 30482
Description  HS CFG A LONG .4H LOW FLOW, THRU HOLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

30482 Datasheet(HTML) 1 Page - Vicor Corporation

  30482 Datasheet HTML 1Page - Vicor Corporation 30482 Datasheet HTML 2Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.220
2.000
<>
.16 TYP
(12) PL.
SEE NOTE 5
<>
(
.1285 )
(6) PL.
<>
#30 DRILL THRU
4.60
3.600
<>
.50
1.800
<>
.11
SEE NOTE 6
.40
.190
.100
.010
MATL
TO BE
REMOVED
-A-
.005
.410
<>
<>
NOTES:
MATERIAL: EXTRUSION SEE SHEET 2 OF 2.
1.
REMOVE ALL BURRS AND SHARP EDGES.
2.
CLEAR FINISH, RoHS COMPLIANT PER CST-0001, LATEST
3.
REVISION PER A.) CHROMIUM FREE, OR B.) TRIVALENT CHROMIUM
IN ACCORDANCE WITH MIL-DTL-5541, TYPE II, CLASS 1A OR 3.
SEE CST-0003 FOR TYPES OF AVAILABLE FINISHES.
"<>" DENOTES CRITICAL CHARACTERISTIC FOR LOT INSPECTION.'
4.
DIMENSIONS APPLIES AT SURFACE -A- (12) PL.
5.
MACHINED SURFACE TO BE .010 MAX BELOW SURFACE -A- (6) PL.
6.
DIMENSIONS ARE INCHES ONLY.
7.
REV.
DESCRIPTION
DATE
APPROVED
1 RELEASED PER ECO REQUEST E070416 REJH 03/05/07
EF
2 REVISED PER ECO REQUEST E091085
AR 07/14/09
REJH
3 REDRAWN PER E100871
DCS
6/11/10
KUK
4 REVISED PER E120702
ZMB 07/31/12
REJH
A
A
B
B
C
C
D
D
E
E
F
F
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
VICOR CONFIDENTIAL
THIS DOCUMENT AND THE DATA DISCLOSED HEREIN OR
HEREWITH IS NOT TO BE REPRODUCED, USED OR
DISCLOSED IN WHOLE OR IN PART TO ANYONE WITHOUT
THE PERMISSION OF VICOR CORP.
SCALE
TOLERANCES ARE:
DECIMALS
ANGLES
X.XX [X.X] = ±0.01 [0.25]
±1°
X.XXX [X.XX] = ±0.005 [0.127]
SHEET
OF
SIZE
67131
CAGE CODE
30718
DWG NO
4
REV
DRAWN BY
DATE
D.P. KELLY
10/05
HS CFG 'A' LONG .4H LOW FLOW,
THRU HOLE
SWD
VICOR
THIRD ANGLE PROJECTION
DO NOT SCALE DRAWING
1
2
1:1
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE : INCH / [MM]
C


Similar Part No. - 30482

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3048205 PHOENIX-3048205 Datasheet
43Kb / 2P
Fixed bridge - FB 2-25
3048219 PHOENIX-3048219 Datasheet
217Kb / 17P
Feed-through terminal block - UK 35-FE
09/12/2020
3048250 PHOENIX-3048250 Datasheet
85Kb / 7P
Feed-through terminal block - UK 2,5 N BD:GNYE
3048251 PHOENIX-3048251 Datasheet
231Kb / 6P
UK 2,5 N-FE - Feed-through terminal block
3048264 PHOENIX-3048264 Datasheet
241Kb / 8P
UK 5 N-FE - Feed-through terminal block
More results

Similar Description - 30482

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
17443 VICOR-17443 Datasheet
73Kb / 1P
HTSNK A LONG .9H LOW FLOW,THRU HOLE
17483 VICOR-17483 Datasheet
64Kb / 1P
HTSNK A LONG .4H LOW FLOW. THREADED
17485 VICOR-17485 Datasheet
64Kb / 1P
HTSNK B LONG .4H LOW FLOW, THREADED
18030 VICOR-18030 Datasheet
64Kb / 1P
HTSNK, C LONG. .4H LOW FLOW, THRU HOLE
18038 VICOR-18038 Datasheet
64Kb / 1P
HTSNK A LONG .4H LOW FLOW. THRU OLE
18039 VICOR-18039 Datasheet
62Kb / 1P
HTSNK B LONG. 4H LOW FLOW. THRU HOLE
18068 VICOR-18068 Datasheet
67Kb / 1P
HTSNK, A X-FLOW, .4H LOW FLOW, THRU HOLE
18073 VICOR-18073 Datasheet
61Kb / 1P
HTSNK, B X-FLOW, .4H LOW FLOW THRU HOLE
18074 VICOR-18074 Datasheet
61Kb / 1P
HTSNK, C X-FLOW, .4H LOW FLOW THRU HOLE
30719 VICOR-30719 Datasheet
102Kb / 2P
HS CFG C LONG .4H LOW FLOW, THRU HOLE, EXTRUSION
07/31/12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com