Electronic Components Datasheet Search
  English  ▼

X  

IP101G Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # IP101G
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101G Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button IP101G Datasheet HTML 51Page - List of Unclassifed Manufacturers IP101G Datasheet HTML 52Page - List of Unclassifed Manufacturers IP101G Datasheet HTML 53Page - List of Unclassifed Manufacturers IP101G Datasheet HTML 54Page - List of Unclassifed Manufacturers IP101G Datasheet HTML 55Page - List of Unclassifed Manufacturers IP101G Datasheet HTML 56Page - List of Unclassifed Manufacturers IP101G Datasheet HTML 57Page - List of Unclassifed Manufacturers IP101G Datasheet HTML 58Page - List of Unclassifed Manufacturers IP101G Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 65 page
background image
IP101G
Data Sheet
55/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
6
Layout Guideline
6.1 General Layout Guideline
Best performance depends on a good PCB layout. The following recommendation steps will help
customer to gain maximum performance.
Create a good power source to minimize noise from switching power source.
All components are qualified, especially high noise component, such as clock component.
Use bulk capacitors between power plane and ground plane for 4 layers board, signals trace on
component and bottom side, power plane on third layer, and ground layer on second layer.
Use decoupling capacitors to decouple high frequency noise between chip’s power and ground, must
be as close as possible to IP101G.
The clock trace length to IP101G must be equal the clock trace length to MAC.
Use guard traces to protect clock traces if possible.
Avoid signals path parallel to clock signals path, because clock signals will interference with other
parallel signals, degrading signal quality, such as MDC and X1 signals.
The clock must be low jitter for 25/50/125MHz PLL requirement with less than the 500ps Peak-to-Peak,
or 83ps RMS for normal distribution.
Avoid highly speed signal across ground gap to prevent large EMI effect.
Keep ground region as one continuous and unbroken plane.
Place a gap between the system and chassis grounds.
No any ground loop exists on the chassis ground.
6.2 Twisted Pair recommendation
When routing the MDI_TP/MDI_TN signal traces from IP101G to transformer, the traces should be
as short as possible, the termination resistors should be as close as possible to the output of the
MDI_TP/MDI_TN pair of IP101G. Center tap of primary winding of these transformers must be connected
to decoupling capacitors respectively. It is recommended that MDI_RP/MDI_RN trace pair be route such
that the space between it and others is three times space, which can separate individual traces from one
another.
It is recommended that offers chassis ground in the area between transformer and media
connector (RJ-45 port), this isolates the analog signals from external noise sources and reduces EMI
effect. Note the usage of the vias, it is best not use via to place anywhere other than in close proximity to
device, in order to minimize impedance variations in a given signal trace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com