Electronic Components Datasheet Search
  English  ▼

X  

DAP011 Datasheet(PDF) 13 Page - ON Semiconductor

Part # DAP011
Description  PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAP011 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button DAP011 Datasheet HTML 9Page - ON Semiconductor DAP011 Datasheet HTML 10Page - ON Semiconductor DAP011 Datasheet HTML 11Page - ON Semiconductor DAP011 Datasheet HTML 12Page - ON Semiconductor DAP011 Datasheet HTML 13Page - ON Semiconductor DAP011 Datasheet HTML 14Page - ON Semiconductor DAP011 Datasheet HTML 15Page - ON Semiconductor DAP011 Datasheet HTML 16Page - ON Semiconductor DAP011 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DAP011/DAP011C
http://onsemi.com
13
Short−Circuit or Overload Mode
There can be various events that force a fault on the
primary side controller. We can split them in different
situation, each having a particular configuration:
1. the converter regulates but the auxiliary winding
collapses: this is a typical situation linked to the
usage of a constant−current / constant−voltage
(CC−CV) type of controller. If the output current
increases, the voltage feedback loop gives up and
the current loop takes over. It means that Vout goes
low but the feedback loop is still closed because of
the output current monitoring. Therefore, seen
from the primary side, there is no fault. However,
there are numerous charger applications where the
output voltage shall not go below a certain limit,
even if the current is controlled. To cope with this
situation, the controller features a precise
undervoltage lockout comparator biased to a
VCC(min) level. When this level is crossed,
whatever the other pin conditions, pulses are
stopped and the controller enters the safe hiccup
mode, trying to restart. Figure 23 shows how the
converter will behave in this situation. If the fault
goes away, the SMPS resumes operation.
Figure 23. First Fault Mode Case, the Auxiliary Winding Collapses but Feedback is Still There



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com