Electronic Components Datasheet Search
  English  ▼

X  

IP2726 Datasheet(PDF) 2 Page - Injoinic Technology Co.,Ltd.

Part # IP2726
Description  integrated Multi-protocol, fast charging protocol IC for USB C port TypeC PD2.0/PD3.0/PPS, QC 4 /QC 44, FCP, SCP, AFC, MTK PE 2.0/1.1, Apple, BC1.2
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2726 Datasheet(HTML) 2 Page - Injoinic Technology Co.,Ltd.

  IP2726 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP2726 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP2726 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP2726 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP2726 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP2726 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP2726 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP2726 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP2726 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IP2726
V1.1
http://www.injoinic.com/
2 / 11
Copyright © 2019, Injoinic Corp.
4. 典型应用原理图
FB 分压电阻调压模式
DP
CSP
DM
FB
VIN
VOUT1G
CSN
1uF
VOUT
Power
Device
IP2726
Current
Type-C
DP
DM
GND
VBUS
NMOS
CC2
CC1
CC2
CC1
1uF
3V~20V
VOUT
FB
带FB的
电源芯片
CVOUT
R1
R2
19
24
23
22
16
10
11
14
17
15
R1 推荐采用100kOhm(1%)
R2 根据前端电源芯片取值
Q1推荐采用Vds耐压在30V以上的NMOS功率管
CMPI组成的补偿网络电阻电容值只是推荐值,可能要针对不同的前端电源芯片根据实际情况调整
Q1
D
S
G
2.2uF
5
VCC
18
GND
RNTC
R3
1
NTC
3
CMPI
1K
15nF
0R
100K
2
CMPV
100K



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com