Electronic Components Datasheet Search
  English  ▼

X  

IP5306 Datasheet(PDF) 21 Page - Injoinic Technology Co.,Ltd.

Part # IP5306
Description  Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5306 Datasheet(HTML) 21 Page - Injoinic Technology Co.,Ltd.

Back Button IP5306 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
IP5568
V1.31
Email: service@injoinic.com
21 / 42
Copyright © 2019, Injoinic Corp.
1 LED mode 1 display:
During charging: LED flash on cycle of 2s (1s on and 1s off), when fully charged, constantly on;
During discharging: LED is constantly on, when voltage lower than 3.2V, flash on cycle of 1s (0.5s on and 0.5s off),
when voltage is lower than 3.0V, system is power down.
188 nixie tube display mode
The 188 nixie tube model IP5568 supported as below
Nixie Tube
During charging
During discharging
Not fully charged
Fullly charged
Battery capacity <5%
Battery capacity>5%
188(YF2252SR-5) 0-99% 0.5HZ Flash
constantly on 100%
0-5% 1.0Hz Flash
5%-100% constantly on
5pin 188 nixie tube:
Figure 7
5pin 188 nixie tube circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com