Electronic Components Datasheet Search
  English  ▼

X  

IP5506 Datasheet(PDF) 21 Page - Injoinic Technology Co.,Ltd.

Part # IP5506
Description  Supports two-way SCP, VOOC, PD3.0 and other fast charging protocols, supports 2~5 cells in series Integrated buck-boost driver, maximum power 100W mobile power supply SOC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5506 Datasheet(HTML) 21 Page - Injoinic Technology Co.,Ltd.

Back Button IP5506 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5506 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5506 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5506 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5506 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5506 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP5506 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP5506 Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP5506 Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
IP5389
V1.2
Email: service@injoinic.com
21 / 32
Copyright © 2021, Injoinic Corp.
充满
亮
亮
亮
亮
75%≤C
亮
亮
亮
1.5Hz 闪烁
50%≤C<75%
亮
亮
1.5Hz 闪烁
灭
25%≤C<50%
亮
1.5Hz 闪烁
灭
灭
C<25%
1.5Hz 闪
烁
灭
灭
灭
放电时
电量
C(%)
D1
D2
D3
D4
C≥75%
亮
亮
亮
亮
50%≤C<75%
亮
亮
亮
灭
25%≤C<50%
亮
亮
灭
灭
3%≤C<25%
亮
灭
灭
灭
0%<C<3%
1.0Hz 闪
烁
灭
灭
灭
C=0%
灭
灭
灭
灭
数码管电量显示模式
IP5389 默认支持的数码管如下所示。
数码管
充电
放电
未充满状态
充满状态
电量小于 5%
电量大于 5%
188 型
0-99% 个位
0.5HZ 闪烁
常亮 100%
0-5%个位 1HZ 闪
烁
5%-100% 常亮
5pin 188 型数码管原理图如下:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com