Electronic Components Datasheet Search
  English  ▼

X  

CS5207-2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS5207-2
Description  7.0 A, 1.5 V Fixed Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5207-2 Datasheet(HTML) 3 Page - ON Semiconductor

  CS5207-2 Datasheet HTML 1Page - ON Semiconductor CS5207-2 Datasheet HTML 2Page - ON Semiconductor CS5207-2 Datasheet HTML 3Page - ON Semiconductor CS5207-2 Datasheet HTML 4Page - ON Semiconductor CS5207-2 Datasheet HTML 5Page - ON Semiconductor CS5207-2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CS5207−2
http://onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 2. Dropout Voltage vs. Output
Current
Figure 3. Output Voltage vs. Temperature
Figure 4. Load Regulation vs.
Output Current
Figure 5. Ripple Rejection vs. Frequency
TJ (°C)
0.10
10
0.08
0.06
0.04
0.02
0.00
−0.02
−0.04
−0.06
−0.08
−0.10
−0.12
0
20 30 40 50 60 70 80 90 100 110 120 130
Frequency (Hz)
101
100
90
80
70
60
50
40
30
20
10
0
102
103
104
105
TCASE = 25°C
IOUT = 7.0 A
(VIN − VOUT) = 3.0 V
VRIPPLE = 1.6 VPP
1
Output Current (A)
Output Current (A)
0.200
0
1.55
1.50
1.45
1.40
1.35
1.30
1.25
1.20
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0
234
5
6
7
0.175
0.150
0.125
0.100
0.075
0.050
0.025
0.000
1
2
34
56
7
TCASE = 0°C
TCASE = 125°C
TCASE = 25°C
TCASE = 25°C
TCASE = 125°C
TCASE = 0°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com