Electronic Components Datasheet Search
  English  ▼

X  

2PD601AW Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # 2PD601AW
Description  SOT-323 Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2PD601AW Datasheet(HTML) 1 Page - Nanjing International Group Co

  2PD601AW Datasheet HTML 1Page - Nanjing International Group Co 2PD601AW Datasheet HTML 2Page - Nanjing International Group Co 2PD601AW Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2PD601AW
TRANSISTOR
(NPN)
FEATURES
 High Collector Current
 Low Colletor-Emitter Saturation Voltage
APPLICATIONS
 General Purpose Switching and Amplification
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current
100
mA
PC
Collector Power Dissipation
200
mW
RΘJA
Thermal Resistance From Junction To Ambient
625
℃/W
Operation Junction and
Storage Temperature Range
TJ,Tstg
-55~+150
℃
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100µA, IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA, IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA, IC=0
6
V
Collector cut-off current
ICBO
VCB=60V, IE=0
10
nA
Emitter cut-off current
IEBO
VEB=5V, IC=0
10
nA
hFE(1)*
VCE=2V, IC=100mA
90
DC current gain
hFE(2)
VCE=10V, IC=2mA
160
460
Collector-emitter saturation voltage
VCE(sat)*
IC=100mA, IB=10mA
0.5
V
2PD601AQW
100
2PD601ARW
120
Transition frequency
fT
VCE=10V,IC=2mA,f=100MHz
2PD601ASW
140
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
3.5
pF
*Pulse test: pulse width ≤300μs,duty cycle≤ 2.0%.
CLASSIFICATION OF hFE(2)
RANK
Q
R
S
RANGE
160–260
210–340
290–460
MARKING
6D
6E
6F
SOT–323
1. BASE
2. EMITTER
3. COLLECTOR
SOT-323 Plastic-Encapsulate Transistors
DONGGUAN NANJING ELECTRONICS LTD.,
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
1/3


Similar Part No. - 2PD601AW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PD601AW PHILIPS-2PD601AW Datasheet
48Kb / 8P
NPN general purpose transistor
2002 Jun 26
logo
Galaxy Semi-Conductor H...
2PD601AW BILIN-2PD601AW Datasheet
132Kb / 3P
NPN Silicon Epitaxial Planar Transistor
Rev.A
logo
Guangdong Kexin Industr...
2PD601AW KEXIN-2PD601AW Datasheet
50Kb / 2P
NPN General Purpose Transistor
logo
Galaxy Semi-Conductor H...
2PD601AW BILIN-2PD601AW Datasheet
152Kb / 3P
NPN Silicon Epitaxial Planar Transistor
Rev.A
logo
Jiangsu Changjiang Elec...
2PD601AW JIANGSU-2PD601AW Datasheet
1Mb / 3P
SOT-323 Plastic-Encapsulate Transistors
More results

Similar Description - 2PD601AW

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SC3930 JIANGSU-2SC3930 Datasheet
541Kb / 3P
SOT-323 Plastic-Encapsulate Transistors
2SC4098 JIANGSU-2SC4098 Datasheet
695Kb / 3P
SOT-323 Plastic-Encapsulate Transistors
2SC4102 JIANGSU-2SC4102 Datasheet
1Mb / 4P
SOT-323 Plastic-Encapsulate Transistors
2SC4116 JIANGSU-2SC4116 Datasheet
873Kb / 4P
SOT-323 Plastic-Encapsulate Transistors
2PD601AW JIANGSU-2PD601AW Datasheet
1Mb / 3P
SOT-323 Plastic-Encapsulate Transistors
2SA1577 JIANGSU-2SA1577 Datasheet
794Kb / 4P
SOT-323 Plastic-Encapsulate Transistors
2SA1579 JIANGSU-2SA1579 Datasheet
846Kb / 4P
SOT-323 Plastic-Encapsulate Transistors
2SA1586 JIANGSU-2SA1586 Datasheet
852Kb / 4P
SOT-323 Plastic-Encapsulate Transistors
KTA2015 JIANGSU-KTA2015 Datasheet
733Kb / 3P
SOT-323 Plastic-Encapsulate Transistors
MMST4403 JIANGSU-MMST4403 Datasheet
844Kb / 4P
SOT-323 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com