Electronic Components Datasheet Search
  English  ▼

X  

2SA1012 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SA1012
Description  TO-220-3L Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SA1012 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SA1012 Datasheet HTML 1Page - Nanjing International Group Co 2SA1012 Datasheet HTML 2Page - Nanjing International Group Co 2SA1012 Datasheet HTML 3Page - Nanjing International Group Co 2SA1012 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
ELECTRICAL CHARACTERISTICS(Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
M
in
T
yp
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
C
I =-0.1mA, IE=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO*
C
I =-10mA, IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
E
I =-100μA, IC=0
-5
V
Collector cut-off current
ICBO
CB
V =-50V, IE=0
-1
μA
Emitter cut-off current
IEBO
EB
V =-5V, IC=0
-1
μA
DC current gain
hFE(1)
CE
V =-1V, IC=-1A
70
240
hFE(2)*
VCE=-1V, IC=-3A
30
Collector-emitter saturation voltage
VCE(sat)*
IC=-3A, IB=-150mA
--0.4
V
Base-emitter saturation voltage
VBE(sat)*
C
I =-3A, IB=-150mA
--1.2
V
Transition frequency
fT
CE
V =-4V, IC=-1A
60
MHz
Collector output capacitance
Cob
CB
V =-10V, IE=0, f=1MHz
170
pF
Turn-on Time
ton
0.1
Storage Time
ts
1.0
Fall Time
tf
VCC=-30V,IC=-3A,
IB1=-IB2=-0.15A
0.1
μs
*Pulse test: tp≤300μs, δ≤0.02.
CLASSIFICATION
of h
FE
(1)
Rank
O
Y
Range
70-140
120-240
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com