Electronic Components Datasheet Search
  English  ▼

X  

CS5301 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS5301
Description  Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5301 Datasheet(HTML) 3 Page - ON Semiconductor

  CS5301_06 Datasheet HTML 1Page - ON Semiconductor CS5301_06 Datasheet HTML 2Page - ON Semiconductor CS5301_06 Datasheet HTML 3Page - ON Semiconductor CS5301_06 Datasheet HTML 4Page - ON Semiconductor CS5301_06 Datasheet HTML 5Page - ON Semiconductor CS5301_06 Datasheet HTML 6Page - ON Semiconductor CS5301_06 Datasheet HTML 7Page - ON Semiconductor CS5301_06 Datasheet HTML 8Page - ON Semiconductor CS5301_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
CS5301
http://onsemi.com
3
MAXIMUM RATINGS (continued)
Pin Name
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
Power for Logic
VCCL
16 V
−0.3 V
N/A
70 mA DC
Power Good Sense
PWRGDS
6.0 V
−0.3 V
1.0 mA
1.0 mA
Power Good Output
PWRGD
6.0 V
−0.3 V
1.0 mA
20 mA
Return for Logic
LGND
N/A
N/A
2.0 A, 1.0
ms 200 mA DC
N/A
Power for Gate(L)1
VCCL1
16 V
−0.3 V
N/A
1.5 A, 1.0
ms 200 mA DC
Power for Gate(L)2 and Gate(L)3
VCCL23
16 V
−0.3 V
N/A
1.5 A, 1.0
ms 200 mA DC
Power for Gate(H)1 and
Gate(H)2
VCCH12
20 V
−0.3 V
N/A
1.5 A, 1.0
ms 200 mA DC
Power for Gate(H)3
VCCH3
20 V
−0.3 V
N/A
1.5 A, 1.0
ms 200 mA DC
Voltage Feedback Compensation
Network
COMP
6.0 V
−0.3 V
1.0 mA
1.0 mA
Voltage Feedback Input
VFB
6.0 V
−0.3 V
1.0 mA
1.0 mA
Output for Adjusting Adaptive
Voltage Positioning
VDRP
6.0 V
−0.3 V
1.0 mA
1.0 mA
Frequency Resistor
ROSC
6.0 V
−0.3 V
1.0 mA
1.0 mA
Reference Output
REF
6.0 V
−0.3 V
1.0 mA
50 mA
High Side FET Drivers
GH1−3
20 V
−0.3 V DC
−2.0 V for
100 ns
1.5 A, 1.0
ms 200 mA DC
1.5 A, 1.0
ms 200 mA DC
Low Side FET Drivers
GL1−3
16 V
−0.3 V DC
−2.0 V for
100 ns
1.5 A, 1.0
ms 200 mA DC
1.5 A, 1.0
ms 200 mA DC
Return for #1 Driver
GND1
0.3 V
−0.3 V
2.0 A, 1.0
ms 200 mA DC
N/A
Return for #2 Driver
GND2
0.3 V
−0.3 V
2.0 A, 1.0
ms 200 mA DC
N/A
Return for #3 Driver
GND3
0.3 V
−0.3 V
2.0 A, 1.0
ms 200 mA DC
N/A
Current Sense for Phases 1−3
CS1−CS3
6.0 V
−0.3 V
1.0 mA
1.0 mA
Current Limit Set Point
ILIM
6.0 V
−0.3 V
1.0 mA
1.0 mA
Output Voltage
CSREF
6.0 V
−0.3 V
1.0 mA
1.0 mA
Voltage ID DAC Inputs
VID0−4
6.0 V
−0.3 V
1.0 mA
1.0 mA
ELECTRICAL CHARACTERISTICS (0
°C < TA < 70°C; 0°C < TJ < 125°C; 4.7 V < VCCL < 14 V; 8.0 V < VCCH < 20 V;
CGATE(H) = 3.3 nF, CGATE(L) = 3.3 nF, RROSC = 53.6 k, CCOMP = 0.1 mF, CREF = 0.1 mF, DAC Code 10000, CVCC = 1.0 mF, ILIM ≥ 1.0 V;
unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Voltage Identification DAC (0 = Connected to GND; 1 = Open or Pullup to internal 3.3 V or external 5.0 V)
Accuracy (all codes)
VID code − 125 mV
Connect VFB to COMP,
Measure COMP
−
−
± 1.0
%
VID4
VID3
VID2
VID1
VID0
VID Voltage
DACOUT Voltage
−
1
1
1
1
1
−
FAULT Mode−Output Off
−
1
1
1
1
0
1.100
0.965
0.975
0.985
V
1
1
1
0
1
1.125
0.990
1.000
1.010
V
1
1
1
0
0
1.150
1.015
1.025
1.035
V
1
1
0
1
1
1.175
1.040
1.050
1.061
V
1
1
0
1
0
1.200
1.064
1.075
1.086
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com