Electronic Components Datasheet Search
  English  ▼

X  

CS5211GD14G Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS5211GD14G
Description  Low Voltage Synchronous Buck Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5211GD14G Datasheet(HTML) 5 Page - ON Semiconductor

  CS5211GD14G Datasheet HTML 1Page - ON Semiconductor CS5211GD14G Datasheet HTML 2Page - ON Semiconductor CS5211GD14G Datasheet HTML 3Page - ON Semiconductor CS5211GD14G Datasheet HTML 4Page - ON Semiconductor CS5211GD14G Datasheet HTML 5Page - ON Semiconductor CS5211GD14G Datasheet HTML 6Page - ON Semiconductor CS5211GD14G Datasheet HTML 7Page - ON Semiconductor CS5211GD14G Datasheet HTML 8Page - ON Semiconductor CS5211GD14G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CS5211
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (−40°C < TA < 85°C; −40°C < TJ < 125°C; 4.5 V < VCC, VC < 14 V; 7.0 V < BST < 20 V;
CGATE(H) = CGATE(L) = 3.3 nF; ROSC = 51 k; CCOMP = 0.1 mF, unless otherwise specified.) (Note 3)
Characteristic
Test Conditions
Min
Typ
Max
Unit
General Electrical Specifications
VCC Supply Current
COMP = 0 V (no switching)
−
5.0
8.0
mA
BST/VC Supply Current
COMP = 0 V (no switching)
−
2.0
3.0
mA
Start Threshold
GATE(H) Switching, COMP Charging
3.90
4.05
4.20
V
Stop Threshold
GATE(H) Not Switching, COMP Not Charging
3.75
3.90
4.05
V
Hysteresis
Start−Stop
100
150
200
mV
Sense Ground Current
(Note 4)
−
0.15
1.00
mA
3. Guaranteed by design. Not tested in production.
4. Recommended maximum operating voltage between the three grounds is 200 mV.
UVLO
Comparator
5.0 mA
GATE(L)
GATE(H)
−
+
−
+
−
+
Σ
PGND
ROSC
VC
BST
R
S
Q
Q
S
R
Q
Q
Fault
Fault
PWM FF
COMP Discharge COMP
0.25 V
PWM Comparator
ART Ramp
OSC
ROSC
0.5 V
Error Amp
1.0 V
100 % DC
Comparator
VSTART
OC
Comparator
60 mV
0.8 V
UVLO
LGND
VCC
IS−
IS+
SGND
VFB
COMP
VFFB
Figure 2. Block Diagram
Reset Dominant
Set Dominant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com