Electronic Components Datasheet Search
  English  ▼

X  

CS5323GDWR20 Datasheet(PDF) 15 Page - ON Semiconductor

Part # CS5323GDWR20
Description  Three?뭁hase Buck Controller with 5?묪it DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5323GDWR20 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button CS5323GDWR20 Datasheet HTML 8Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 9Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 10Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 11Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 12Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 13Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 14Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 15Page - ON Semiconductor CS5323GDWR20 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
CS5323
http://onsemi.com
15
4.00
3.50
3.00
2.50
2.00
1.50
1.00
0.50
0.00
1/ Apparent Duty Cycle
15
10
5
0
Figure 13. Normalized Input Filter Capacitor
Ripple Current
DESIGN EXAMPLE
Choose the component values for lossless current sensing,
adaptive positioning and current limit for a 12 V to 1.5 V 60
A converter. The adaptive positioning is chosen 20 mV
below the maximum VOUT at no load and 70 mV below the
no−load position with 60 A out. The peak output voltage
transient is 100 mV max during a 60 A step current. The
overcurrent limit is nominally 75 A.
Current Sensing, Power Stage
and Output Filter Components
1. Assume 1.5 mΩ of output filter ESR.
R
+ (VIN * VOUT)
(VOUT VIN) (F
C
25 mV)
+ (12 * 1.5)
(1.5 12) (250 k
.01 mF
25 mV)
+ 21 kW å Choose 20 kW
L RL + .01 mF
20 kW + 200 ms
Choose RL + 2.0 mW
L + 2mW
200 ms + 400 nH
2.
3. n/a
PwrstgZ + RL
CSA Gain 3
+ 1.5 mW
4.2 3 + 2.1 mW
ConverterZ +
PwrstgZ
ESR
PwrstgZ ) ESR
+ 2.8 mW
1.5 mW
2.8 mW ) 1.5 mW
^ 1.0 mW
DVR + 1.0 mW
60 A + 60 mV
4.
5. n/a
Current Limit
VI(LIM) + RL
IOUT(LIM)
CS to ILIM Gain
+ 1.5 mW
75 A
6.5 + 731 mV
6.
Adaptive Positioning
RV(FB) + NL Position VFB Bias Current
+ 20 mV 19 mA ^ 1.00 kW
7.
DVDRP + RL
IOUT
Current Sense to VDRP Gain
+ 2mW
60 A
3 + 360 mV
RV(DRP) + DVDRP
RV(FB) DVOUT
+ 360 mV
1.00 kW 50 mV + 7.2 kW
8.
IIN + 1.6 V
60 A
(0.85
12VIN)
+ 9.4 A
9.
Duty Cycle +
1.6 V
(0.85
12 VIN)
+ 0.16
10.
Apparent Duty Cycle + 0.16
3.0 + 0.48
11.
RMS ripple is 9.4 A
1.0 + 9.4 A
12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com