Electronic Components Datasheet Search
  English  ▼

X  

L5973AD Datasheet(PDF) 8 Page - STMicroelectronics

Part # L5973AD
Description  2A switch step down switching regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5973AD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L5973AD Datasheet HTML 4Page - STMicroelectronics L5973AD Datasheet HTML 5Page - STMicroelectronics L5973AD Datasheet HTML 6Page - STMicroelectronics L5973AD Datasheet HTML 7Page - STMicroelectronics L5973AD Datasheet HTML 8Page - STMicroelectronics L5973AD Datasheet HTML 9Page - STMicroelectronics L5973AD Datasheet HTML 10Page - STMicroelectronics L5973AD Datasheet HTML 11Page - STMicroelectronics L5973AD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Functional description
L5973AD
8/21
4.1
Power supply & voltage reference
The internal regulator circuit (shown in Figure 3) consists of a start-up circuit, an internal
voltage Preregulator, the Bandgap voltage reference and the Bias block that provides
current to all the blocks.
The Starter gives the start-up currents to the whole device when the input voltage goes high
and the device is enabled (inhibit pin connected to ground).
The Preregulator block supplies the Bandgap cell with a preregulated voltage VREG that has
a very low supply voltage noise sensitivity.
4.2
Voltages monitor
An internal block senses continuously the VCC, Vref and Vbg. If the voltages go higher than
their thresholds, the regulator starts to work. There is also an hysteresis on the VCC
(UVLO).
Figure 3.
Internal regulator circuit
4.3
Oscillator & synchronizator
Figure 4 shows the block diagram of the oscillator circuit.
The Clock Generator provides the switching frequency of the device that is internally fixed at
500KHz. The frequency shifter block acts reducing the switching frequency in case of strong
overcurrent or short circuit. The clock signal is then used in the internal logic circuitry and is
the input of the Ramp Generator and Synchronizator blocks.
The Ramp Generator circuit provides the sawtooth signal, used to realize the PWM control
and the internal voltage feed forward, while the Synchronizator circuit generates the
synchronization signal. Infact the device has a synchronization pin that can works both as
Master and Slave.
As Master to synchronize external devices to the internal switching frequency.
STARTER
IC BIAS
PREREGULATOR
BANDGAP
VREG
VREF
D00IN1126
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com