Electronic Components Datasheet Search
  English  ▼

X  

L5972D Datasheet(PDF) 3 Page - STMicroelectronics

Part # L5972D
Description  2A switch step down switching regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5972D Datasheet(HTML) 3 Page - STMicroelectronics

  L5972D Datasheet HTML 1Page - STMicroelectronics L5972D Datasheet HTML 2Page - STMicroelectronics L5972D Datasheet HTML 3Page - STMicroelectronics L5972D Datasheet HTML 4Page - STMicroelectronics L5972D Datasheet HTML 5Page - STMicroelectronics L5972D Datasheet HTML 6Page - STMicroelectronics L5972D Datasheet HTML 7Page - STMicroelectronics L5972D Datasheet HTML 8Page - STMicroelectronics L5972D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
L5973AD
Pin settings
3/21
1
Pin settings
1.1
Pin connection
Figure 1.
Pin connection (top view)
1.2
Pin description
OUT
SYNC
INH
COMP
1
3
2
4
VCC
VREF
GND
FB
8
7
6
5
D98IN955
Table 1. Pin description
Type
Description
1
OUT
Regulator output.
2
SYNC
Master/Slave Synchronization. When it is open, a signal synchronous with the
turn-off of the internal power is present at the pin. When connected to an
external signal at a frequency higher than the internal one, then the device is
synchronized by the external signal.
Connecting together the SYNC pin of two devices, the one with the higher
frequency works as master and the other one, works as slave.
3INH
A logical signal (active high) disables the device. With IHN higher than 2.2V
the device is OFF and with INH lower than 0.8V, the device is ON.
If INH is not used the pin must be grounded. When it is open, an internal pull-
up disables the device.
4
COMP
E/A output to be used for frequency compensation.
5FB
Stepdown feedback input. Connecting the output voltage directly to this pin
results in an output voltage of 1.235V. An external resistor divider is required
for higher output voltages (the typical value for the resistor connected
between this pin and ground is 4.7K).
6
VREF
Reference voltage of 3.3V. No filter capacitor is needed to stability.
7
GND
Ground.
8
VCC
Unregulated DC input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com