Electronic Components Datasheet Search
  English  ▼

X  

M41T63 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M41T63
Description  Serial Access Real-Time Clock with Alarms
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T63 Datasheet(HTML) 5 Page - STMicroelectronics

  M41T63 Datasheet HTML 1Page - STMicroelectronics M41T63 Datasheet HTML 2Page - STMicroelectronics M41T63 Datasheet HTML 3Page - STMicroelectronics M41T63 Datasheet HTML 4Page - STMicroelectronics M41T63 Datasheet HTML 5Page - STMicroelectronics M41T63 Datasheet HTML 6Page - STMicroelectronics M41T63 Datasheet HTML 7Page - STMicroelectronics M41T63 Datasheet HTML 8Page - STMicroelectronics M41T63 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
M41T62/63/64/65
Summary description
5/40
1
Summary description
The M41T6x Serial Access TIMEKEEPER® is a low power Serial RTC with a built-in 32.768
kHz oscillator (external crystal controlled). Eight registers (see Table 3 on page 19) are used
for the clock/calendar function and are configured in binary coded decimal (BCD) format. An
additional 8 registers provide status/control of Alarm, 32KHz output, Calibration, and
Watchdog functions. Addresses and data are transferred serially via a two line, bi-directional
I2C interface. The built-in address register is incremented automatically after each WRITE or
READ data byte.
Functions available to the user include a time-of-day clock/calendar, Alarm interrupts
(M41T62/65), 32KHz output (M41T64), programmable Square Wave output
(M41T62/63/64), and Watchdog output (M41T63/65). The eight clock address locations
contain the century, year, month, date, day, hour, minute, second and tenths/hundredths of a
second in 24 hour BCD format. Corrections for 28-, 29- (leap year), 30- and 31-day months
are made automatically.
The M41T6x is supplied in a 16-pin QFN.
Figure 1.
M41T62 logic diagram
1.
Open drain.
2.
Defaults to 32KHz on power-up.
SCL
VCC
M41T62
VSS
SDA
IRQ/OUT
(1)
SQW
(2)
XI
XO
AI09103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com