Electronic Components Datasheet Search
  English  ▼

X  

HCPL4503M Datasheet(PDF) 7 Page - ON Semiconductor

Part # HCPL4503M
Description  8-Pin DIP High Speed Transistor Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HCPL4503M Datasheet(HTML) 7 Page - ON Semiconductor

Back Button HCPL4503M Datasheet HTML 3Page - ON Semiconductor HCPL4503M Datasheet HTML 4Page - ON Semiconductor HCPL4503M Datasheet HTML 5Page - ON Semiconductor HCPL4503M Datasheet HTML 6Page - ON Semiconductor HCPL4503M Datasheet HTML 7Page - ON Semiconductor HCPL4503M Datasheet HTML 8Page - ON Semiconductor HCPL4503M Datasheet HTML 9Page - ON Semiconductor HCPL4503M Datasheet HTML 10Page - ON Semiconductor HCPL4503M Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Single−Channel: 6N135M, 6N136M, HCPL4503M Dual−Channel: HCPL2530M,
HCPL2531M
www.onsemi.com
7
TYPICAL PERFORMANCE CURVES
(For single−channel devices; 6N135M, 6N136M, and HCPL4503M.)
100
10
1
0.1
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
TA, TEMPERATURE (°C)
−40
−20
0
20
40
60
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
8
10
12
14
16
18
0.1
1000
25
20
15
10
5
0
100
10
1
0
100
200
300
400
500
600
700
800
1
10
100
1000
20
246
80
−40
−20
0
20
40
60
100
120
80
−40
−20
0
20
40
60
100
120
80
Normalized to:
IF = 16 mA
VO = 0.4 V
VCC = 5 V
TA = 25°C
Normalized to:
TA = 25°C
IF = 16 mA
VCC = 4.5 V
VO = 0.4 V
TA = 25°C
VCC = 5 V
IF = 40 mA
35 mA
30 mA
25 mA
20 mA
15 mA
10 mA
5 mA
IF = 0 mA
VCC = 5.5 V
VO = 5.5 V
Frequency = 10 kHz
Duty Cycle = 10%
VCC = 5 V
RL = 4.1 kW (tPLH)
RL = 1.9 kW (tPLH)
RL = 4.1 kW (tPHL)
RL = 1.9 kW (tPHL)
Frequency = 10 kHz
Duty Cycle = 10%
VCC = 5 V
IF = 16 mA (tPLH)
IF = 10 mA (tPLH)
IF = 16 mA (tPHL)
IF = 10 mA (tPHL)
TA, TEMPERATURE (°C)
RL, LOAD RESISTANCE (kW)
IF, FORWARD CURRENT (mA)
VO, OUTPUT VOLTAGE (V)
TA, TEMPERATURE (°C)
Figure 2. Normalized CTR vs. Forward Current
Figure 3. Normalized CTR vs. Temperature
Figure 4. Output Current vs. Output Voltage
Figure 5. Logic High Output Current vs. Temperature
Figure 6. Propagation Delay vs. Temperature
Figure 7. Propagation Delay vs. Load Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com