Electronic Components Datasheet Search
  English  ▼

X  

MID400 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MID400
Description  AC Line Monitor Logic-Out Device
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MID400 Datasheet(HTML) 4 Page - ON Semiconductor

  MID400 Datasheet HTML 1Page - ON Semiconductor MID400 Datasheet HTML 2Page - ON Semiconductor MID400 Datasheet HTML 3Page - ON Semiconductor MID400 Datasheet HTML 4Page - ON Semiconductor MID400 Datasheet HTML 5Page - ON Semiconductor MID400 Datasheet HTML 6Page - ON Semiconductor MID400 Datasheet HTML 7Page - ON Semiconductor MID400 Datasheet HTML 8Page - ON Semiconductor MID400 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MID400
www.onsemi.com
4
APPLICATION INFORMATION
The input of the MID400 consists of two back−to−back
LED diodes which will accept and convert alternating
currents into light energy. An integrated photo
diode−detector amplifier forms the output network. Optical
coupling between input and output provides 2500 VACRMS
voltage isolation. A very high current transfer ratio (defined
as the ratio of the DC output current and the DC input
current) is achieved through the use of high gain amplifier.
The detector amplifier circuitry operates from a 5 V DC
supply and drives an open collector transistor output. The
switching times are intentionally designed to be slow in
order to enable the MID400, when used as an AC line
monitor, to respond only to changes in input voltage
exceeding many milliseconds. The short period of time
during zero−crossing which occurs once every half cycle of
the power line is completely ignored. To operate the
MID400, always add a resistor, RIN, in series with the input
(as shown in figure 2) to limit the current to the required
value. The value of the resistor can be determined by the
following equation:
RIN +
VIN * VF
IIN
(eq. 1)
Where,
VIN (RMS) is the input voltage.
VF is the forward voltage drop across the LED.
IIN (RMS) is the desired input current required to sustain a
logic “O” on the output.
PIN DESCRIPTION
Pin
Number
Pin
Name
Description
1, 3
VIN1, VIN2 Input terminals
2, 4
N/C
No Connect
8
VCC
Supply voltage, output circuit.
7
AUX
Auxiliary terminal.
Programmable capacitor input to adjust
AC voltage sensing level and time delay.
6
VO
Output terminal; open collector.
5
GND
Circuit ground potential.
SCHEMATIC DIAGRAM
45
1
VIN1
N/C
N/C
VIN2
VCC
AUX.
GND
VO
2
3
8
Figure 1. Schematic Diagram
7
6
GLOSSARY
Voltages
VIN (ON_RMS)
On−State RMS Input Voltage
The RMS voltage at an input terminal for a specified input
current with output conditions applied according to the
product specification will cause the output switching
element to be sustained in the on−state within one full cycle.
VIN (OFF_RMS)
Off−State RMS Input Voltage
The RMS voltage at an input terminal for a specified input
current with output conditions applied according to the
product specification will cause the output switching
element to be sustained in the off−state within one full cycle.
VOL
Low−Level Output Voltage
The voltage at an output terminal for a specific output
current IOL, with input conditions applied according to the
product specification will establish a low−level at the output.
VOH
High−Level Output Voltage
The voltage at an output terminal for a specific output
current IOH, with input conditions applied according to the
product specification will establish a high−level at the
output.
VF
LED Forward Voltage
The voltage developed across the LED when input current
IF is applied to the anode of the LED.
Currents
IIN (ON_RMS)
On−State RMS Input Current
The RMS current flowing into an input with output
conditions applied according to the product specification
will cause the output switching element to be sustained in the
on−state within one full cycle.
IIN (OFF_RMS)
Off−state RMS Input Current
The RMS current flowing into an input with output
conditions applied according to the product specification
will cause the output switching element to be sustained in the
off−state within one full cycle.
IOH
High−Level Output Current
The current flowing into an output with input conditions
applied according to the product specification will establish
high−level at the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com