Electronic Components Datasheet Search
  English  ▼

X  

61801020 Datasheet(PDF) 2 Page - Lapp.

Part # 61801020
Description  SILVYN® KLICK 90° PG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

61801020 Datasheet(HTML) 2 Page - Lapp.

  61801020 Datasheet HTML 1Page - Lapp. 61801020 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
6180 1020
DATA SHEET
Valid from:
14.05.2018
SILVYN® KLICK 90° PG
Creator: MAAU1/PDP
Released: DAMU1/PDP
Document: DB61801020EN
Version: 04
Page 2 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Product drawing:
Dimension table:
Part No.
NW
Thread
PG
Thread
length
D
mm
Length
E
mm
Length
F
mm
Diameter
mm
Weight
kg/100
ØI
ØA
SILVYN
® KLICK 90° PG grey
6180 1020
13
PG 9
10,0
37,0
34,0
12,0
20,0
0,6
6180 1030
15,8
PG 11
10,0
42,0
37,5
15,5
23,0
0,8
5600 0100
18,5
PG 13,5
13,0
46,0
47,0
13,5
26,5
1,4
6180 1040
21,2
PG 16
13,0
50,0
48,0
18,0
29,5
1,6
6180 1050
28,5
PG 21
13,0
58,0
56,0
24,0
37,0
2,5
6180 1060
34,5
PG 29
15,0
67,5
65,0
32,0
44,0
4,1
6180 1061
42,5
PG 36
15,0
83,0
72,0
36,5
52,0
6,6
6180 1062
54,5
PG 48
16,0
96,0
84,0
48,5
64,0
9,5
SILVYN
® KLICK 90° PG black
6180 1025
13
PG 9
10,0
37,0
34,0
12,0
20,0
0,6
6180 1035
15,8
PG 11
10,0
42,0
37,5
15,5
23,0
0,8
5600 0105
18,5
PG 13,5
13,0
46,0
47,0
13,5
26,5
1,4
6180 1045
21,2
PG 16
13,0
50,0
48,0
18,0
29,5
1,6
6180 1055
28,5
PG 21
13,0
58,0
56,0
24,0
37,0
2,5
6180 1065
34,5
PG 29
15,0
67,5
65,0
32,0
44,0
4,1
6180 1085
54,5
PG 48
16,0
96,0
84,0
48,5
64,0
9,5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com