Electronic Components Datasheet Search
  English  ▼

X  

61801040 Datasheet(PDF) 1 Page - Lapp.

Part # 61801040
Description  SILVYN® KLICK 90° PG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

61801040 Datasheet(HTML) 1 Page - Lapp.

  61801040 Datasheet HTML 1Page - Lapp. 61801040 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6180 1020
DATA SHEET
Valid from:
14.05.2018
SILVYN® KLICK 90° PG
Creator: MAAU1/PDP
Released: DAMU1/PDP
Document: DB61801020EN
Version: 04
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
SILVYN
® KLICK 90° PG is a conduit gland with push-in closure for quick secure assembly.
The dismantling is done by displacing the snap-in sleeve. The gland is suitable for conduit
type SILVYN
® RILL and can be used in machine and plant constructions and in isolated
electrical installations.
Material:
Body
Polyamide
Sealing
TPE
Technical Features:
Connecting thread
PG 9 up to PG 48 acc. to EN 40430
Nominal wide
NW 13 up to NW 54,5
Protection class
IP68 acc. to EN 60529
IP69K acc. to DIN 40050 T.9
Depending on the used conduit
Temperature range
-40°C up to +115°C
Additional features:
Fire classification
HB acc. to UL94
Free of silicone, cadmium and halogen
UV-Resistant
SILVYN
® KLICK PG 90° black
Colour:
Black
Grey
Approbation:
E-File E308201
Reference standards:
EN IEC 61386-23
Suitable conduits:
SILVYN
® RILL PA 6
SILVYN
® RILL PA 12
For more information please see our current catalogue. Please do not hesitate to contact our laboratory if there are any
questions regarding resistance against aggressive agents and special oil.


Similar Part No. - 61801040

ManufacturerPart #DatasheetDescription
logo
Lapp.
61801013 LAPP-61801013 Datasheet
146Kb / 2P
BASIC TIE
14.10.2019
More results

Similar Description - 61801040

ManufacturerPart #DatasheetDescription
logo
Lapp.
55500800 LAPP-55500800 Datasheet
133Kb / 2P
SILVYN® KLICK GPZ-M
03.07.2018
55501000 LAPP-55501000 Datasheet
123Kb / 2P
SILVYN® KLICK-M
24.04.2018
55501110 LAPP-55501110 Datasheet
149Kb / 2P
SILVYN® KLICK 90° M
03.07.2018
56000120 LAPP-56000120 Datasheet
87Kb / 1P
SILVYN® KLICK-Y (TPE)
03.07.2018
61803816 LAPP-61803816 Datasheet
106Kb / 1P
SILVYN® COMPACT PG
03.07.2018
61803824 LAPP-61803824 Datasheet
119Kb / 2P
SILVYN® COMPACT 90° PG
03.07.2018
61811110 LAPP-61811110 Datasheet
119Kb / 2P
SILVYN® KLICK-S
30.08.2019
61811200 LAPP-61811200 Datasheet
85Kb / 1P
SILVYN® KLICK-D
30.08.2019
65500475 LAPP-65500475 Datasheet
95Kb / 1P
SILVYN® FLEXILOK PG
03.07.2018
65500630 LAPP-65500630 Datasheet
149Kb / 1P
SILVYN® KLICK-RH
03.07.2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com