Electronic Components Datasheet Search
  English  ▼

X  

61803813 Datasheet(PDF) 1 Page - Lapp.

Part # 61803813
Description  SILVYN® COMPACT 90° M
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

61803813 Datasheet(HTML) 1 Page - Lapp.

  61803813 Datasheet HTML 1Page - Lapp. 61803813 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6180 3808
DATA SHEET
Valid from:
03.07.2018
SILVYN® COMPACT 90° M
Creator: MAAU1/PDP
Released: DAMU1/PDP
Document: DB61803808EN
Version: 04
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
The SILVYN
® COMPACT 90° M is a conduit gland that provides optimum assembly
conditions due to the compact dimensions. In combination with liquid-tight conduits
(galvanized steel tube with coating), it forms an easy to install system with high protection
degree.
Material:
Body
Brass, nickel plated
Pressure Nut
Brass, nickel plated
Sleeve
Steel, galvanized
Clamping ring
Polyamide 6
Sealing
NBR
Technical Features:
Connecting thread
M16x1,5 up to M63x1,5 acc. to EN 60423
Nominal wide
NW 3/8” up to NW 2”
Protection class
IP67 acc. to EN 60529
Depending on the used conduit
Temperature range
-45°C up to +105°C
Additional features:
Corrosion resistant
Approbation:
Reference standards:
IEC 61386-1
Suitable conduits:
SILVYN
® HTDL
SILVYN
® EF
SILVYN
® OR
SILVYN
® HCX
SILVYN
® HFX
SILVYN
® HFX-V0
SILVYN
® ZHLS


Similar Part No. - 61803813

ManufacturerPart #DatasheetDescription
logo
Lapp.
61803816 LAPP-61803816 Datasheet
106Kb / 1P
SILVYN® COMPACT PG
03.07.2018
61803817 LAPP-61803817 Datasheet
106Kb / 1P
SILVYN® COMPACT PG
03.07.2018
61803818 LAPP-61803818 Datasheet
106Kb / 1P
SILVYN® COMPACT PG
03.07.2018
61803819 LAPP-61803819 Datasheet
106Kb / 1P
SILVYN® COMPACT PG
03.07.2018
More results

Similar Description - 61803813

ManufacturerPart #DatasheetDescription
logo
Lapp.
55501110 LAPP-55501110 Datasheet
149Kb / 2P
SILVYN® KLICK 90° M
03.07.2018
55502480 LAPP-55502480 Datasheet
148Kb / 2P
SILVYN® MPC 90° M
03.07.2018
55502486 LAPP-55502486 Datasheet
113Kb / 2P
SILVYN® MPC 90°
03.07.2018
55503624 LAPP-55503624 Datasheet
116Kb / 2P
SILVYN® FCE COMPACT
03.07.2018
55507300 LAPP-55507300 Datasheet
142Kb / 2P
SILVYN® FPAX 90° M
17.05.2018
61803800 LAPP-61803800 Datasheet
99Kb / 1P
SILVYN® COMPACT M
26.11.2018
61803816 LAPP-61803816 Datasheet
106Kb / 1P
SILVYN® COMPACT PG
03.07.2018
61803824 LAPP-61803824 Datasheet
119Kb / 2P
SILVYN® COMPACT 90° PG
03.07.2018
61803839 LAPP-61803839 Datasheet
116Kb / 2P
SILVYN® COMPACT 90° NPT
03.07.2018
61803850 LAPP-61803850 Datasheet
110Kb / 2P
SILVYN® COMPACT 45° M
13.03.2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com