Electronic Components Datasheet Search
  English  ▼

X  

61803824 Datasheet(PDF) 2 Page - Lapp.

Part # 61803824
Description  SILVYN® COMPACT 90° PG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

61803824 Datasheet(HTML) 2 Page - Lapp.

  61803824 Datasheet HTML 1Page - Lapp. 61803824 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
6180 3824
DATA SHEET
Valid from:
03.07.2018
SILVYN® COMPACT 90° PG
Creator: MAAU1/PDP
Released: DAMU1/PDP
Document: DB61803824EN
Version: 04
Page 2 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Product drawing:
Dimension table:
Part No.
NW
Thread
M
Thread
Length
D
mm
Length
A
mm
Length
B
mm
Inner
Diameter
mm
SW1
SW2
Weight
g/stk.
6180 3824
3/8“
PG 11
10,0
32,0
26,0
11,0
26
24
77
6180 3825
3/8“
PG 13,5
10,0
32,0
26,0
11,0
26
24
80
6180 3826
1/2“
PG 16
10,0
34,0
28,0
14,5
29
27
92
6180 3827
3/4“
PG 21
10,0
40,0
32,0
19,4
35
33
157
6180 3828
1“
PG 29
12,0
49,0
40,0
24,7
45
42
286
6180 3829
1 1/4“
PG 36
13,0
53,0
46,0
33,3
53
52
401
6180 3830
1 1/2“
PG 42
14,0
57,0
52,0
38,0
62
60
575
6180 3831
2“
PG 48
16,0
68,0
62,0
49,0
76
72
921
For more information please see our current catalogue. Please do not hesitate to contact our laboratory if there are any
questions regarding resistance against aggressive agents and special oil.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com