Electronic Components Datasheet Search
  English  ▼

X  

61803821 Datasheet(PDF) 1 Page - Lapp.

Part # 61803821
Description  SILVYN® COMPACT PG
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

61803821 Datasheet(HTML) 1 Page - Lapp.

  61803821 Datasheet HTML 1Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
61803816
DATA SHEET
Valid from:
03.07.2018
SILVYN® COMPACT PG
Creator: M .Wegerer /PDP
Released: DAMU1/PDP
Document: DB61803816EN
Version: 04
Page 1 of 1
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
The SILVYN
® COMPACT PG is a conduit gland that provides optimum assembly conditions
due to the compact dimensions. In combination with liquid-tight conduits (galvanized steel
tube with coating), it forms an easy to install system with high protection degree.
Material:
Body – Nickel plated brass
Nut – Nickel plated brass
Clamping ring – PA6
Sleeve – galvanized steel
O-ring – NBR
Features:
High mechanical stress
Corrosion resistant
Temperature range: -45°C up to +105 °C
Protection class:
IP 67
Dimension table:
Part No.
NW
Thread
Thread
length
mm
Length
mm
Inner Diameter
mm
SW 1
SW 2
Weight
Kg/100
6180 3816
3/8“
PG 11
10
31
11,0
26
24
4,0
6180 3817
3/8“
PG 13,5
10
31
11,0
26
24
4,2
6180 3818
1/2“
PG 16
10
32
14,5
29
27
4,5
6180 3819
3/4“
PG 21
10
33
19,4
35
33
6,5
6180 3820
1“
PG 29
12
36
24,7
45
44
12,2
6180 3821
1,1/4“
PG 36
13
40
33,3
53
52
16,4
6180 3822
1,1/2“
PG 42
14
46
38,0
62
60
26,3
6180 3823
2“
PG 48
16
52
49,0
76
72
38,6
Suitable conduit:
SILVYN
® HTDL
SILVYN
® EF
SILVYN
® OR
SILVYN
® HCX
SILVYN
® HFX
For more information please see our current catalogue. Please do not hesitate to contact our laboratory if there are any
questions regarding resistance against aggressive agents and special oil.
C
D
PG
SW 2
SW 1


Similar Part No. - 61803821

ManufacturerPart #DatasheetDescription
logo
Lapp.
61803824 LAPP-61803824 Datasheet
119Kb / 2P
SILVYN® COMPACT 90° PG
03.07.2018
61803825 LAPP-61803825 Datasheet
119Kb / 2P
SILVYN® COMPACT 90° PG
03.07.2018
61803826 LAPP-61803826 Datasheet
119Kb / 2P
SILVYN® COMPACT 90° PG
03.07.2018
61803827 LAPP-61803827 Datasheet
119Kb / 2P
SILVYN® COMPACT 90° PG
03.07.2018
61803828 LAPP-61803828 Datasheet
119Kb / 2P
SILVYN® COMPACT 90° PG
03.07.2018
More results

Similar Description - 61803821

ManufacturerPart #DatasheetDescription
logo
Lapp.
52005810 LAPP-52005810 Datasheet
91Kb / 2P
SILVYN® USK
04.07.2019
55503624 LAPP-55503624 Datasheet
116Kb / 2P
SILVYN® FCE COMPACT
03.07.2018
61801020 LAPP-61801020 Datasheet
132Kb / 2P
SILVYN® KLICK 90° PG
14.05.2018
61803800 LAPP-61803800 Datasheet
99Kb / 1P
SILVYN® COMPACT M
26.11.2018
61803808 LAPP-61803808 Datasheet
110Kb / 2P
SILVYN® COMPACT 90° M
03.07.2018
61803824 LAPP-61803824 Datasheet
119Kb / 2P
SILVYN® COMPACT 90° PG
03.07.2018
61803832 LAPP-61803832 Datasheet
105Kb / 1P
SILVYN® COMPACT NPT
03.07.2018
61803839 LAPP-61803839 Datasheet
116Kb / 2P
SILVYN® COMPACT 90° NPT
03.07.2018
61803850 LAPP-61803850 Datasheet
110Kb / 2P
SILVYN® COMPACT 45° M
13.03.2019
65500475 LAPP-65500475 Datasheet
95Kb / 1P
SILVYN® FLEXILOK PG
03.07.2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com