Electronic Components Datasheet Search
  English  ▼

X  

CS8120 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS8120
Description  5.0 V, 300 mA Linear Regulator with RESET and ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8120 Datasheet(HTML) 4 Page - ON Semiconductor

  CS8120 Datasheet HTML 1Page - ON Semiconductor CS8120 Datasheet HTML 2Page - ON Semiconductor CS8120 Datasheet HTML 3Page - ON Semiconductor CS8120 Datasheet HTML 4Page - ON Semiconductor CS8120 Datasheet HTML 5Page - ON Semiconductor CS8120 Datasheet HTML 6Page - ON Semiconductor CS8120 Datasheet HTML 7Page - ON Semiconductor CS8120 Datasheet HTML 8Page - ON Semiconductor CS8120 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CS8120
http://onsemi.com
4
PACKAGE LEAD DESCRIPTION
PACKAGE LEAD #
TO−220−5
DIP−8
SO−14
D2PAK−5
LEAD SYMBOL
FUNCTION
1
2
1
1
VIN
Supply voltage to IC, usually direct from the battery.
2
4
5
2
ENABLE
CMOS compatible logical input. VOUT is disabled i.e. placed
in a high impedance state when ENABLE is high.
3
8
13
3
GND
Ground Connection.
4
6
10
4
RESET
CMOS compatible output lead. RESET goes low whenever
VOUT falls out of regulation. The RESET delay is externally
programmed.
5
1
14
5
VOUT
Regulated output voltage, 5.0 V (Typ).
N/A
7
12
−
SENSE
Kelvin Connection which allows remote sensing of output
voltage for improved regulation. If remote sensing is not de-
sired, connect to VOUT.
−
3, 5
2, 3, 4, 6,
7, 8, 9, 11
NC
No Connection.
TYPICAL PERFORMANCE CHARACTERISTICS
Junction Temperature (
°C)
−40
−20
0
20
40
60
80
100
120
Figure 2. Output Voltage vs. Temperature
5.01
5.0
4.99
4.98
4.97
4.96
4.95
140
150
Figure 3. Load Regulation vs. Output
Current Over Temperature
IOUT (mA)
0
100
200
300
400
500
0
−5
−10
−15
−20
−25
−50
IOUT = 100 mA
5.0 V @ 25
°C
−30
−35
−40
−45
VIN = 14 V
25
°C
40
°C
5.02
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com