Electronic Components Datasheet Search
  English  ▼

X  

61811255 Datasheet(PDF) 1 Page - Lapp.

Part # 61811255
Description  SILVYN® KLICK-D
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

61811255 Datasheet(HTML) 1 Page - Lapp.

  61811255 Datasheet HTML 1Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6181 1200
DATA SHEET
Valid from:
30.08.2019
SILVYN® KLICK-D
Creator: MAAU1/PDP
Released: DAMU1/PDP
Document: DB61811200EN
Version: 02
Page 1 of 1
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
SILVYN
® KLICK-D is a cover for the conduit holder SILVYN® KLICK-S and prevented for
disassembling.
Material:
Polyamide 6
Technical Features:
Nominal wide
NW 7 up to NW 48
Temperature range
-40°C up to +105°C
Additional features:
Fire classification
V2 acc. to UL94
Free of halogen und phosphorus
UV-Resistant
SILVYN
® KLICK-D black
Colour:
Grey
Black
Approbation:
Suitable conduits:
SILVYN
® KLICK-S
SILVYN
® KLICK-V
Dimension table:
Part No.
Nominal
width
NW
Width
mm
Plug distance
mm
Cover High
mm
High
mm
Weight
g
SILVYN
® KLICK-D grey
6181 1200
10/13
20,0
14,0
2,0
5,0
1,2
6181 1260
16
22,0
16,0
2,0
5,0
1,3
6181 1210
18/21
28,0
22,0
2,0
5,0
1,6
6181 1220
28
35,0
29,0
2,0
5,0
1,8
6181 1230
34
42,0
36,0
2,0
5,0
2,2
6181 1240
42
54,0
48,0
2,0
5,0
2,7
6181 1250
54
67,5
61,5
2,0
5,0
3,4
SILVYN
® KLICK-D black
6181 1205
10/13
20,0
14,0
2,0
5,0
1,2
6181 1265
16
22,0
16,0
2,0
5,0
1,3
6181 1215
18/21
28,0
22,0
2,0
5,0
1,6
6181 1225
28
35,0
29,0
2,0
5,0
1,8
6181 1235
34
42,0
36,0
2,0
5,0
2,2
6181 1245
42
54,0
48,0
2,0
5,0
2,7
6181 1255
54
67,5
61,5
2,0
5,0
3,4
For more information please see our current catalogue. Please do not hesitate to contact our laboratory if there are any
questions regarding resistance against aggressive agents and special oil.


Similar Part No. - 61811255

ManufacturerPart #DatasheetDescription
logo
Lapp.
61811110 LAPP-61811110 Datasheet
119Kb / 2P
SILVYN® KLICK-S
30.08.2019
61811115 LAPP-61811115 Datasheet
119Kb / 2P
SILVYN® KLICK-S
30.08.2019
61811120 LAPP-61811120 Datasheet
119Kb / 2P
SILVYN® KLICK-S
30.08.2019
61811125 LAPP-61811125 Datasheet
119Kb / 2P
SILVYN® KLICK-S
30.08.2019
61811130 LAPP-61811130 Datasheet
119Kb / 2P
SILVYN® KLICK-S
30.08.2019
More results

Similar Description - 61811255

ManufacturerPart #DatasheetDescription
logo
Lapp.
52005810 LAPP-52005810 Datasheet
91Kb / 2P
SILVYN® USK
04.07.2019
55500800 LAPP-55500800 Datasheet
133Kb / 2P
SILVYN® KLICK GPZ-M
03.07.2018
55501000 LAPP-55501000 Datasheet
123Kb / 2P
SILVYN® KLICK-M
24.04.2018
55501110 LAPP-55501110 Datasheet
149Kb / 2P
SILVYN® KLICK 90° M
03.07.2018
55506905 LAPP-55506905 Datasheet
121Kb / 2P
SILVYN® FCL
22.12.2020
55510700 LAPP-55510700 Datasheet
97Kb / 2P
SILVYN® HYGIENIC
03.07.2018
56000120 LAPP-56000120 Datasheet
87Kb / 1P
SILVYN® KLICK-Y (TPE)
03.07.2018
61801020 LAPP-61801020 Datasheet
132Kb / 2P
SILVYN® KLICK 90° PG
14.05.2018
61811110 LAPP-61811110 Datasheet
119Kb / 2P
SILVYN® KLICK-S
30.08.2019
65500630 LAPP-65500630 Datasheet
149Kb / 1P
SILVYN® KLICK-RH
03.07.2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com