Electronic Components Datasheet Search
  English  ▼

X  

CS8122 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS8122
Description  2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8122 Datasheet(HTML) 1 Page - ON Semiconductor

  CS8122 Datasheet HTML 1Page - ON Semiconductor CS8122 Datasheet HTML 2Page - ON Semiconductor CS8122 Datasheet HTML 3Page - ON Semiconductor CS8122 Datasheet HTML 4Page - ON Semiconductor CS8122 Datasheet HTML 5Page - ON Semiconductor CS8122 Datasheet HTML 6Page - ON Semiconductor CS8122 Datasheet HTML 7Page - ON Semiconductor CS8122 Datasheet HTML 8Page - ON Semiconductor CS8122 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 7
1
Publication Order Number:
CS8122/D
CS8122
2.0% 5.0 V, 750 mA Low
Dropout Linear Regulator
with Delayed RESET
The CS8122 is a precision 5.0 V linear regulator capable of sourcing
in excess of 750 mA. The RESET’s delay time is externally
programmed using a discrete RC network. During power up, or when
the output goes out of regulation, the RESET lead remains in the low
state for the duration of the delay. This function is independent of the
input voltage and will function correctly as long as the output voltage
remains at or above 1.0 V. Hysteresis is included in the Delay and the
RESET comparators to improve noise immunity. A latching discharge
circuit is used to discharge the delay capacitor when it is triggered by a
brief fault condition.
The regulator is protected against a variety of fault conditions: i.e.
reverse battery, overvoltage, short circuit and thermal runaway
conditions. The regulator is protected against voltage transients ranging
from −50 V to +40 V. Short circuit current is limited to 1.2 A (typ).
The CS8122 is an improved replacement for the CS8126 and
features a tighter tolerance on its output voltage (2.0% vs. 4.0%).
The CS8122 is packaged in a 5 lead TO−220 with copper tab. The
copper tab can be connected to a heat sink if necessary.
Features
• 5.0 V ±2.0% Regulated Output
• Low Dropout Voltage (0.6 V @ 0.5 A)
• 750 mA Output Current Capability
• Externally Programmed RESET Delay
• Fault Protection
− Reverse Battery
− 60 V Load Dump
− −50 V Reverse Transient
− Short Circuit
− Thermal Shutdown
• Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TO−220
FIVE LEAD
T SUFFIX
CASE 314D
1
5
TO−220
FIVE LEAD
TVA SUFFIX
CASE 314K
TO−220
FIVE LEAD
THA SUFFIX
CASE 314A
1
5
1
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
Pin 1. VIN
2.VOUT
3. GND
4. Delay
5. RESET
TO−220 5−LEAD
1
PIN CONNECTIONS
See general marking information in the device marking
section on page 2 of this data sheet.
DEVICE MARKING INFORMATION


Similar Part No. - CS8122

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8122 CHERRY-CS8122 Datasheet
175Kb / 8P
2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 2/5/99
logo
ON Semiconductor
CS8122 ONSEMI-CS8122 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Chipstar Micro-electron...
CS8122S CHIPSTAR-CS8122S Datasheet
552Kb / 10P
3.0W mono ultra-low EMI / filterless Class-D audio amplifier
Mar,2012 Rev1.1
logo
Cherry Semiconductor Co...
CS8122YT5 CHERRY-CS8122YT5 Datasheet
175Kb / 8P
2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 2/5/99
CS8122YTHA5 CHERRY-CS8122YTHA5 Datasheet
175Kb / 8P
2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 2/5/99
More results

Similar Description - CS8122

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
Low Dropout Regulator with Delayed Reset
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
Low Dropout Regulator with Delayed Reset
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 5/4/99
logo
ON Semiconductor
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8129 ONSEMI-CS8129 Datasheet
114Kb / 11P
5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
Low Dropout Regulator with Delayed Reset
logo
ON Semiconductor
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com