Electronic Components Datasheet Search
  English  ▼

X  

65500633 Datasheet(PDF) 1 Page - Lapp.

Part # 65500633
Description  SILVYN® KLICK-RH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

65500633 Datasheet(HTML) 1 Page - Lapp.

  65500633 Datasheet HTML 1Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
65500630
DATA SHEET
Valid from:
03.07.2018
SILVYN® KLICK-RH
Creator: M. Wegerer /PDP
Released: DAMU1/PDP
Document: DB65500630EN
Version: 01
Page 1 of 1
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
The SILVYN
® KLICK-RH is a polyamide conduit clamp, the product warranted a simple and fast assembling and
disassembling. In addition, the one-piece has a high tensile strength.
Material:
PA 6
Features:
impact resistant
Temperature range:
-40°C up to +115°C
Colour:
Black (UV-Resistant)
Grey (RAL 7001)
Dimensions table:
Part No.
Part name
A
mm
B
mm
C
mm
AD
mm
F
mm
E
mm
Ø l
mm
G
mm
Grey
6550 0630
SILVYN
® KLICK-RH 10
21
23,5
8,5
10
23
16
5,5
20
6550 0631
SILVYN
® KLICK-RH 13
25
25
9,2
13
27
16
5,5
20
6550 0632
SILVYN
® KLICK-RH 16
27
27
11,2
15,8
29
16
6,5
20
6550 0633
SILVYN
® KLICK-RH 18
31
31,5
12,7
18,5
32
16
6,5
20
6550 0634
SILVYN
® KLICK-RH 21
33
34
16,1
21,2
35
16
6,5
20
6550 0635
SILVYN
® KLICK-RH 28
40
40,5
20,5
28,5
42
16
6,5
20
6550 0636
SILVYN
® KLICK-RH 34
46
46,9
25,7
34,5
48
16
6,5
20
6550 0637
SILVYN
® KLICK-RH 42
55
55
30
42,5
57
16
6,5
20
6550 0638
SILVYN
® KLICK-RH 54
67
69,5
38
54,5
69
16
6,5
20
Black
6550 0639
SILVYN
® KLICK-RH 10
21
23,5
8,5
10
23
16
5,5
20
6550 0640
SILVYN
® KLICK-RH 13
25
25
9,2
13
27
16
5,5
20
6550 0641
SILVYN
® KLICK-RH 16
27
27
11,2
15,8
29
16
6,5
20
6550 0642
SILVYN
® KLICK-RH 18
31
31,5
12,7
18,5
32
16
6,5
20
6550 0643
SILVYN
® KLICK-RH 21
33
34
16,1
21,2
35
16
6,5
20
6550 0644
SILVYN
® KLICK-RH 28
40
40,5
20,5
28,5
42
16
6,5
20
6550 0645
SILVYN
® KLICK-RH 34
46
46,9
25,7
34,5
48
16
6,5
20
6550 0646
SILVYN
® KLICK-RH 42
55
55
30
42,5
57
16
6,5
20
6550 0647
SILVYN
® KLICK-RH 54
67
69,5
38
54,5
69
16
6,5
20
Suitable:
SILVYN
® Rill
For more information please see our current catalogue. Please do not hesitate to contact our laboratory if there are any
questions regarding resistance against aggressive agents and special oil.


Similar Part No. - 65500633

ManufacturerPart #DatasheetDescription
logo
Lapp.
65500620 LAPP-65500620 Datasheet
95Kb / 1P
SILVYN® FLEXILOK PG
03.07.2018
More results

Similar Description - 65500633

ManufacturerPart #DatasheetDescription
logo
Lapp.
52005810 LAPP-52005810 Datasheet
91Kb / 2P
SILVYN® USK
04.07.2019
55500800 LAPP-55500800 Datasheet
133Kb / 2P
SILVYN® KLICK GPZ-M
03.07.2018
55501000 LAPP-55501000 Datasheet
123Kb / 2P
SILVYN® KLICK-M
24.04.2018
55501110 LAPP-55501110 Datasheet
149Kb / 2P
SILVYN® KLICK 90° M
03.07.2018
55506905 LAPP-55506905 Datasheet
121Kb / 2P
SILVYN® FCL
22.12.2020
55510700 LAPP-55510700 Datasheet
97Kb / 2P
SILVYN® HYGIENIC
03.07.2018
56000120 LAPP-56000120 Datasheet
87Kb / 1P
SILVYN® KLICK-Y (TPE)
03.07.2018
61801020 LAPP-61801020 Datasheet
132Kb / 2P
SILVYN® KLICK 90° PG
14.05.2018
61811110 LAPP-61811110 Datasheet
119Kb / 2P
SILVYN® KLICK-S
30.08.2019
61811200 LAPP-61811200 Datasheet
85Kb / 1P
SILVYN® KLICK-D
30.08.2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com