Electronic Components Datasheet Search
  English  ▼

X  

CS8129 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CS8129
Description  5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8129 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CS8129 Datasheet HTML 3Page - ON Semiconductor CS8129 Datasheet HTML 4Page - ON Semiconductor CS8129 Datasheet HTML 5Page - ON Semiconductor CS8129 Datasheet HTML 6Page - ON Semiconductor CS8129 Datasheet HTML 7Page - ON Semiconductor CS8129 Datasheet HTML 8Page - ON Semiconductor CS8129 Datasheet HTML 9Page - ON Semiconductor CS8129 Datasheet HTML 10Page - ON Semiconductor CS8129 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CS8129
http://onsemi.com
8
MARKING DIAGRAMS
A
= Assembly Location
WL
= Wafer Lot
YY, Y
= Year
WW
= Work Week
G
= Pb−Free Package
TO−220 5−LEAD
1
16
CS8129
AWLYYWWG
SO−16 WB
CS
8129
AWLYWWG
1
CS8129
AWLYWWG
1
CS
8129
AWLYWWG
1
ORDERING INFORMATION
Device
Package
Shipping†
CS8129YT5
TO−220*
STRAIGHT
50 Units / Rail
CS8129YT5G
TO−220*
STRAIGHT
(Pb−Free)
CS8129YTHA5
TO−220*
HORIZONTAL
CS8129YTHA5G
TO−220*
HORIZONTAL
(Pb−Free)
CS8129YTVA5
TO−220*
VERTICAL
CS8129YTVA5G
TO−220*
VERTICAL
(Pb−Free)
CS8129YDW16
SO−16WB
47 Units / Rail
CS8129YDW16G
SO−16WB
(Pb−Free)
CS8129YDWR16
SO−16WB
1000 / Tape & Reel
CS8129YDWR16G
SO−16WB
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com