Electronic Components Datasheet Search
  English  ▼

X  

CS8161 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS8161
Description  12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8161 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CS8161 Datasheet HTML 3Page - ON Semiconductor CS8161 Datasheet HTML 4Page - ON Semiconductor CS8161 Datasheet HTML 5Page - ON Semiconductor CS8161 Datasheet HTML 6Page - ON Semiconductor CS8161 Datasheet HTML 7Page - ON Semiconductor CS8161 Datasheet HTML 8Page - ON Semiconductor CS8161 Datasheet HTML 9Page - ON Semiconductor CS8161 Datasheet HTML 10Page - ON Semiconductor CS8161 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CS8161
http://onsemi.com
7
Figure 17. Typical Circuit Waveform
14 V
0 V
0 V
2.0 V
0.8 V
VIN
ENABLE
VOUT1
VOUT2
60 V
12 V
5.0 V
34 V
12 V
2.4 V
3.0 V
26 V
12 V
0 V
12 V
5.0 V
12 V
14V
0 V
Load
Dump
Low VIN
Line
Noise, Etc.
VOUT1
Short
Circuit
VOUT1
Thermal
Shutdown
Turn
Off
Turn
On
2.4 V
VOUT2
Short
Circuit
0 V
0 V
0 V
5.0 V
APPLICATION DIAGRAM
Figure 18. Application Diagram
CS8161
VOUT1
VOUT2
ENABLE
GND
VIN
+
+
* C1 required if regulator is located far from power supply filter.
** C2, C3 required for stability, value may be increased. Capacitor must operate at minimum temperature expected.
C1*
0.1
mF
C2*
22
mF
C3*
22
mF
Tuner
Display
APPLICATION NOTES
Since both outputs are controlled by the same ENABLE,
the CS8161 is ideal for applications where a sleep mode is
required. Using the CS8161, a section of circuitry such as a
display and nonessential 5.0 V circuits can be shut down
under microprocessor control to conserve energy.
The example in the Applications Diagram (Figure 18)
shows an automotive radio application where the display is
powered by the 12 V on VOUT1 and the Tuner IC is powered
by the 5.0 V on VOUT2. Neither output is required unless both
the ignition and the Radio On/Off switch are on.
Stability Considerations
The output or compensation capacitor (Application
diagram C2 and C3) helps determine three main
characteristics of a linear regulator: startup delay, load
transient response and loop stability.
The capacitor value and type should be based on cost,
availability, size and temperature constraints. A tantalum or
aluminum electrolytic capacitor is best, since a film or
ceramic capacitor with almost zero ESR can cause
instability. The aluminum electrolytic capacitor is the
cheapest solution, but, if the circuit operates at low
temperatures (−25
°C to −40°C), both the value and ESR of
the capacitor will vary considerably. The capacitor
manufacturers data sheet usually provides this information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com