Electronic Components Datasheet Search
  English  ▼

X  

IDT54FCT240CTQB Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT54FCT240CTQB
Description  FAST CMOS OCTAL BUFFER/LINE DRIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT240CTQB Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT54FCT240CTQB Datasheet HTML 1Page - Integrated Device Technology IDT54FCT240CTQB Datasheet HTML 2Page - Integrated Device Technology IDT54FCT240CTQB Datasheet HTML 3Page - Integrated Device Technology IDT54FCT240CTQB Datasheet HTML 4Page - Integrated Device Technology IDT54FCT240CTQB Datasheet HTML 5Page - Integrated Device Technology IDT54FCT240CTQB Datasheet HTML 6Page - Integrated Device Technology IDT54FCT240CTQB Datasheet HTML 7Page - Integrated Device Technology IDT54FCT240CTQB Datasheet HTML 8Page - Integrated Device Technology IDT54FCT240CTQB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IDT54/74FCT240/244T/AT/CT/DT - 2240/2244T/AT/CT, IDT54/74FCT540/541/2541T/AT/CT
FAST CMOS OCTAL BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.8
5
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
∆ICC
Quiescent Power Supply Current
TTL Inputs HIGH
VCC = Max.
VIN = 3.4V(3)
—
0.5
2.0
mA
ICCD
Dynamic Power Supply
Current(4)
VCC = Max.
Outputs Open
OE A = OE B = GND
VIN = VCC
VIN = GND
FCTxxxT
—
0.15
0.25
mA/
MHz
One Input Toggling
50% Duty Cycle
FCT2xxxT
—
0.06
0.12
IC
Total Power Supply Current(6)
VCC = Max.
VIN = VCC
FCTxxxT
—
1.5
3.5
mA
Outputs Open
fi = 10MHz
VIN = GND FCT2xxxT
—
0.6
2.2
50% Duty Cycle
OE A = OE B = GND
VIN = 3.4
FCTxxxT
—
1.8
4.5
One Bit Toggling
VIN = GND FCT2xxxT
0.9
3.2
VCC = Max.
VIN = VCC
FCTxxxT
—
3.0
6.0(5)
Outputs Open
fi = 2.5MHz
VIN = GND FCT2xxxT
—
1.2
3.4(5)
50% Duty Cycle
OE A = OE B = GND
VIN = 3.4
FCTxxxT
—
5.0
14.0(5)
Eight Bits Toggling
VIN = GND FCT2xxxT
—
3.2
11.4(5)
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient.
3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fiNi)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Input Frequency
Ni = Number of Inputs at fi
All currents are in milliamps and all frequencies are in megahertz.
2565 tbl 08



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com