Electronic Components Datasheet Search
  English  ▼

X  

BC237 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC237
Description  Amplifier Transistors NPN Silicon
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC237 Datasheet(HTML) 2 Page - ON Semiconductor

  BC237 Datasheet HTML 1Page - ON Semiconductor BC237 Datasheet HTML 2Page - ON Semiconductor BC237 Datasheet HTML 3Page - ON Semiconductor BC237 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC237, BC237B, BC237C, BC239C
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector −Emitter Breakdown Voltage
BC237
(IC = 2.0 mA, IB = 0)
BC239
V(BR)CEO
45
25
−
−
−
−
V
Emitter −Base Breakdown Voltage
BC237
(IE = 100 mA, IC = 0)
BC239
V(BR)EBO
6.0
5.0
−
−
−
−
V
Collector Cutoff Current
(VCE = 30 V, VBE = 0)
BC239
(VCE = 50 V, VBE = 0)
BC237
(VCE = 30 V, VBE = 0) TA = 125°C
BC239
(VCE = 50 V, VBE = 0) TA = 125°C
BC237
ICES
−
−
−
−
0.2
0.2
0.2
0.2
15
15
4.0
4.0
nA
mA
ON CHARACTERISTICS
DC Current Gain
(IC = 10 mA, VCE = 5.0 V)
BC237B
BC237C/239C
(IC = 2.0 mA, VCE = 5.0 V)
BC237
BC237B
BC237C/239C
(IC = 100 mA, VCE = 5.0 V)
BC237B
BC237C/239C
hFE
−
−
120
200
380
−
−
150
270
−
290
500
180
300
−
−
800
460
800
−
−
−
Collector −Emitter On Voltage
(IC = 10 mA, IB = 0.5 mA)
BC237/BC239
(IC = 100 mA, IB = 5.0 mA)
BC237/BC239
VCE(sat)
−
−
0.07
0.2
0.2
0.6
V
Base −Emitter Saturation Voltage
(IC = 10 mA, IB = 0.5 mA)
(IC = 100 mA, IB = 5.0 mA)
VBE(sat)
−
−
0.6
−
0.83
1.05
V
Base−Emitter On Voltage
(IC = 100 mA, VCE = 5.0 V)
(IC = 2.0 mA, VCE = 5.0 V)
(IC = 100 mA, VCE = 5.0 V)
VBE(on)
−
0.55
−
0.5
0.62
0.83
−
0.7
−
V
DYNAMIC CHARACTERISTICS
Current −Gain — Bandwidth Product
(IC = 0.5 mA, VCE = 3.0 V, f = 100 MHz)
BC237
BC239
(IC = 10 mA, VCE = 5.0 V, f = 100 MHz)
BC237
BC239
fT
−
−
150
150
100
140
200
280
−
−
−
−
MHz
Collector−Base Capacitance
(VCB = 10 V, IC = 0, f = 1.0 MHz)
Cobo
−
−
4.5
pF
Emitter−Base Capacitance
(VEB = 0.5 V, IC = 0, f = 1.0 MHz)
Cibo
−
8.0
−
pF
Noise Figure
(IC = 0.2 mA, VCE = 5.0 V, RS = 2.0 kW, f = 1.0 kHz)
BC239
(IC = 0.2 mA, VCE = 5.0 V, RS = 2.0 kW, f = 1.0 kHz, Df = 200 Hz)
BC237
BC239
NF
−
−
−
2.0
2.0
2.0
4.0
10
4.0
dB
Figure 1.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com