Electronic Components Datasheet Search
  English  ▼

X  

CS8371 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CS8371
Description  8.0 V/1.0 A, 5.0 V/250 mA Dual Regulator with Independent Output Enables and NOCAP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8371 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CS8371 Datasheet HTML 3Page - ON Semiconductor CS8371 Datasheet HTML 4Page - ON Semiconductor CS8371 Datasheet HTML 5Page - ON Semiconductor CS8371 Datasheet HTML 6Page - ON Semiconductor CS8371 Datasheet HTML 7Page - ON Semiconductor CS8371 Datasheet HTML 8Page - ON Semiconductor CS8371 Datasheet HTML 9Page - ON Semiconductor CS8371 Datasheet HTML 10Page - ON Semiconductor CS8371 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CS8371
http://onsemi.com
10
PACKAGE DIMENSIONS
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.600
0.610
15.24
15.49
INCHES
B
0.386
0.403
9.80
10.23
C
0.170
0.180
4.32
4.56
D
0.028
0.037
0.71
0.94
G
0.045
0.055
1.15
1.39
H
J
0.018
0.026
0.46
0.66
K
1.028
1.042
26.11
26.47
L
0.355
0.365
9.02
9.27
M
5 NOM
Q
0.142
0.148
3.61
3.75
U
0.490
0.501
12.45
12.72
V
0.045
0.055
1.15
1.39
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE PROTRUSION SHALL
BE 0.003 (0.076) TOTAL IN EXCESS OF THE D
DIMENSION AT MAXIMUM MATERIAL CONDITION.
4. 821E−01 THRU 821−03 OBSOLETE, NEW
STANDARD 821E−04.
_
5 NOM
_
0.088
0.102
2.24
2.59
A
K
U
L
Q
D
G
B
C
M
M
V
M
J
H
SEATING
PLANE
OPTIONAL
CHAMFER
175
_
7 LEAD, TO−220
T SUFFIX
CASE 821E−04
ISSUE D
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION D DOES NOT INCLUDE
INTERCONNECT BAR (DAMBAR) PROTRUSION.
DIMENSION D INCLUDING PROTRUSION SHALL
NOT EXCEED 10.92 (0.043) MAXIMUM.
A
U
D
G
B
T
M
0.356 (0.014)
M
Q
7 PL
−Q−
K
F
J
C
E
−T−
N
L
M
W
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.560
0.590
14.22
14.99
B
0.385
0.415
9.77
10.54
C
0.160
0.190
4.06
4.82
D
0.023
0.037
0.58
0.94
E
0.045
0.055
1.14
1.40
F
0.540
0.555
13.72
14.10
G
0.050 BSC
1.27 BSC
J
0.014
0.022
0.36
0.56
K
0.785
0.800
19.94
20.32
L
0.322
0.337
8.18
8.56
M
0.073
0.088
1.85
2.24
N
0.090
0.115
2.28
2.91
Q
0.146
0.156
3.70
3.95
S
0.164
0.179
4.17
4.55
U
0.460
0.475
11.68
12.07
W
33
°°
R
S
H
H
14.48
15.11
0.570
0.595
R
0.289
0.304
7.34
7.72
7 LEAD, TO−220
TVA SUFFIX
CASE 821J−02
ISSUE A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com